Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP660TE Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLP660TE
Description  0.66 4K UHD DMD
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP660TE Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLP660TE Datasheet HTML 5Page - Texas Instruments DLP660TE Datasheet HTML 6Page - Texas Instruments DLP660TE Datasheet HTML 7Page - Texas Instruments DLP660TE Datasheet HTML 8Page - Texas Instruments DLP660TE Datasheet HTML 9Page - Texas Instruments DLP660TE Datasheet HTML 10Page - Texas Instruments DLP660TE Datasheet HTML 11Page - Texas Instruments DLP660TE Datasheet HTML 12Page - Texas Instruments DLP660TE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
DLP660TE
www.ti.com
DLPS072 – JANUARY 2017
Product Folder Links: DLP660TE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
SIGNAL
DATA
RATE
DESCRIPTION
NAME
NO.
VCC
A8, B2, C1, D1, D10,
D12, D19, E1, E19,
E20, E21, F1, K1,
L1, M1, N1, P1,V1,
W1, W19, W20,
W21, X1, X10, X12,
X19, Y1, Z1, Z2,
AA2, AA8,
Power
Power supply for low voltage CMOS logic.
Power supply for normal high voltage at
micromirror address electrodes. Power
supply for Offset level of Dow during power
down sequence
VCCI
A11, A16, A17, A18,
A21, A22, A23,
AA11, AA16, AA17,
AA18, AA21, AA22,
AA23,
Power
Power supply for low voltage CMOS LVDS
interface
VOFFSET
A3, A4, A25, B26,
L26, M26, N26, Z26,
AA3, AA4, AA25
Power
Power supply for high voltage CMOS logic.
Power supply for stepped high voltage at
micromirror address electrodes. Power
supply for Offset level of MBRST(15:0)
VRESET
G1, H1, J1, R1, T1,
U1
Power
Power supply for Negative Reset level of
micromirror reset signal
VSS (Ground)
B4, B7, B11, B14,
B17, B20, B22, B25,
C2, C9, C20, C22,
C24, D2, D5, D9,
D11, D14, D18, D20,
D21, D22, E2, E7,
E9, E22, E25, E26,
F4, F23, F24, H2,
H4, H25, H26, J23,
J24, K2, L2, L3, L4,
L25, M2, M3, M4,
M23, M24, M25, N2,
N3, N25, P2,R23,
R24, T2, T4, T25,
T26, V4, V23, V24,
W2, W7, W9, W22,
W25, W26, X2, X5,
X9, X11, X20, X21,
X22, Y2, Y9, Y20,
Y22, Y24, Z4, Z7,
Z11, Z14, Z17, Z20,
Z22, Z25
Power
Common Return for all power
RESERVED SIGNALS
RESERVED_PFE
E18
Ground
Connect to ground on the DLP® system
board. Bond Pad connects to an internal Pull
Down circuit
RESERVED_TM
G4
Ground
Connect to ground on the DLP® system
board. Bond Pad connects to an internal Pull
Down circuit
RESERVED_TP0
E8
Input
Do Not Connect on the DLP® system board
RESERVED_TP1
J2
Input
Do Not Connect on the DLP® system board
RESERVED_TP2
G2
Input
Do Not Connect on the DLP® system board
RESERVED_BA
N4
Output
Do Not Connect on the DLP® system board
RESERVED_BB
K4
Output
Do Not Connect on the DLP® system board
RESERVED_BC
X17
Output
Do Not Connect on the DLP® system board
RESERVED_BD
D17
Output
Do Not Connect on the DLP® system board


Similar Part No. - DLP660TE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP660TE TI1-DLP660TE Datasheet
1Mb / 46P
[Old version datasheet]   0.66 4K UHD DMD
DLP660TEAAFYG TI1-DLP660TEAAFYG Datasheet
1Mb / 46P
[Old version datasheet]   0.66 4K UHD DMD
DLP660TEFYG TI1-DLP660TEFYG Datasheet
1Mb / 46P
[Old version datasheet]   0.66 4K UHD DMD
DLP660TE TI1-DLP660TE_19 Datasheet
1Mb / 46P
[Old version datasheet]   0.66 4K UHD DMD
More results

Similar Description - DLP660TE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP660TE TI1-DLP660TE_19 Datasheet
1Mb / 46P
[Old version datasheet]   0.66 4K UHD DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP470TP TI1-DLP470TP Datasheet
741Kb / 48P
[Old version datasheet]   0.47 4K UHD DMD
DLP470TE TI1-DLP470TE_19 Datasheet
774Kb / 47P
[Old version datasheet]   0.47 4K UHD DMD
DLP650TE TI-DLP650TE Datasheet
1Mb / 43P
[Old version datasheet]   DLP650TE 0.65 4K UHD DMD
DLP471TP TI1-DLP471TP Datasheet
158Kb / 7P
[Old version datasheet]   DLP471TP .47 4K UHD DMD
DLP471TP TI-DLP471TP_V01 Datasheet
1Mb / 48P
[Old version datasheet]   DLP471TP .47 4K UHD DMD
DLP471TE TI1-DLP471TE Datasheet
132Kb / 7P
[Old version datasheet]   DLP471TE .47 4K UHD DMD
DLP781TE TI-DLP781TE Datasheet
1Mb / 46P
[Old version datasheet]   DLP781TE 0.78 4K UHD DMD
MARCH 2023
DLP780TE TI-DLP780TE Datasheet
1Mb / 48P
[Old version datasheet]   DLP780TE 0.78 4K UHD DMD
DLPS221 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com