Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPR910YVA Datasheet(PDF) 3 Page - Texas Instruments

Part # DLPR910YVA
Description  Configuration PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPR910YVA Datasheet(HTML) 3 Page - Texas Instruments

  DLPR910YVA Datasheet HTML 1Page - Texas Instruments DLPR910YVA Datasheet HTML 2Page - Texas Instruments DLPR910YVA Datasheet HTML 3Page - Texas Instruments DLPR910YVA Datasheet HTML 4Page - Texas Instruments DLPR910YVA Datasheet HTML 5Page - Texas Instruments DLPR910YVA Datasheet HTML 6Page - Texas Instruments DLPR910YVA Datasheet HTML 7Page - Texas Instruments DLPR910YVA Datasheet HTML 8Page - Texas Instruments DLPR910YVA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
A
B
C
D
E
F
G
H
1
2
3
4
5
6
3
DLPR910
www.ti.com
DLPS065B – SEPTEMBER 2015 – REVISED NOVEMBER 2016
Product Folder Links: DLPR910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
P = Power
G = Ground
I = Input
O = Output
5 Pin Configuration and Functions
YVA Package
48-Pin DSBGA
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
A1
G
Ground
GND
A2
G
Ground
OE/RESET
A3
I/O
Output Enable/RESET (Open-Drain I/O). When Low, this input holds the address
counter reset and the DATA and CLKOUT outputs are placed in a high-impedance state.
This is a bidirectional open-drain pin that is held Low while the PROM completes the
internal power-on reset sequence. Polarity is not programmable. Pin must be pulled
High using an external 4.7-kΩ pull-up to VCCO.
DNC
A4
Do Not Connect. Leave unconnected.
D6
A5
Do Not Connect. Leave unconnected.
D7
A6
Do Not Connect. Leave unconnected.
VCCINT
B1
P
Positive 1.8-V supply voltage for internal logic.
VCCO
B2
P
Positive 3.3-V and 1.8-V supply voltage connected to the output voltage drivers and
internal buffers.
CLK
B3
I
Configuration clock input. Each rising edge on the CLK input increments the internal
address counter. Pin must be pulled High and Low using an external 100-Ω pull-up
to VCCO and an external 100-Ω pull-down to Ground. Place resistors close to pin.
(CE)
B4
I
Chip Enable Input. When (CE ) is High, the device is put into low-power standby mode,
the address counter is reset, and the DATA and CLKOUT outputs are placed in a high
impedance state.
D5
B5
Do Not Connect. Leave unconnected.
GND
B6
G
Ground


Similar Part No. - DLPR910YVA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPR910YVA TI1-DLPR910YVA Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
More results

Similar Description - DLPR910YVA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410_18 Datasheet
264Kb / 17P
[Old version datasheet]   Configuration PROM
DLPR410 TI1-DLPR410 Datasheet
421Kb / 18P
[Old version datasheet]   Configuration PROM
DLPR410 TI-DLPR410_V01 Datasheet
906Kb / 21P
[Old version datasheet]   DLPR410 Configuration PROM
REVISED AUGUST 2021
DLPR100 TI1-DLPR100 Datasheet
234Kb / 15P
[Old version datasheet]   DLP짰 Configuration PROM for DLPC100
logo
Xilinx, Inc
DS541 XILINX-DS541 Datasheet
925Kb / 27P
   Defense Grade Platform Flash In-System Programmable Configuration PROM
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
LANSDALE Semiconductor ...
HL0512 LANSDALE-HL0512 Datasheet
2Mb / 4P
   Bipolar Prom
HL0512 LANSDALE-HL0512_08 Datasheet
2Mb / 4P
   Bipolar Prom
logo
Xicor Inc.
X2804A XICOR-X2804A Datasheet
212Kb / 8P
   ELECTRICALLY ERASBLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com