Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8886PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8886PWP
Description  2-A Stepper Motor Driver With Integrated Current Sense
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8886PWP Datasheet(HTML) 1 Page - Texas Instruments

  DRV8886PWP Datasheet HTML 1Page - Texas Instruments DRV8886PWP Datasheet HTML 2Page - Texas Instruments DRV8886PWP Datasheet HTML 3Page - Texas Instruments DRV8886PWP Datasheet HTML 4Page - Texas Instruments DRV8886PWP Datasheet HTML 5Page - Texas Instruments DRV8886PWP Datasheet HTML 6Page - Texas Instruments DRV8886PWP Datasheet HTML 7Page - Texas Instruments DRV8886PWP Datasheet HTML 8Page - Texas Instruments DRV8886PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
STEP
Step Size
Decay Mode
8 to 37 V
M
+
±
DRV8886
Current Sense
Stepper Motor
Driver
2 A
2 A
1/16 µstep
DIR
nFAULT
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV8886
SLVSDA4 – JANUARY 2017
DRV8886 2-A Stepper Motor Driver With Integrated Current Sense
1
1 Features
1
PWM Microstepping Stepper Motor Driver
Up to 1/16 Microstepping
Non-Circular and Standard ½ Step Modes
Integrated Current Sense Functionality
No Sense Resistors Required
±6.25% Full-Scale Current Accuracy
Slow and Mixed Decay Options
8 to 37-V Operating Supply Voltage Range
Low RDS(ON): 550 mΩ HS + LS at 24 V, 25°C
High Current Capacity
3-A Peak Per Bridge
2-A Full-Scale Per Bridge
1.4-A rms Per Bridge
Fixed Off-Time PWM Current Regulation
Simple STEP/DIR Interface
Low-Current Sleep Mode (20 μA)
Small Package and Footprint
24 HTSSOP PowerPAD™ Package
Protection Features
VM Undervoltage Lockout (UVLO)
Charge Pump Undervoltage (CPUV)
Overcurrent Protection (OCP)
Thermal Shutdown (TSD)
Fault Condition Indication Pin (nFAULT)
2 Applications
Bipolar Stepper Motors
Multi-Function Printers and Scanners
Laser Beam Printers
3D Printers
Automatic Teller and Money Handling Machines
Video Security Cameras
Office Automation Machines
Factory Automation and Robotics
3 Description
The DRV8886 is a stepper motor driver for industrial
and consumer end equipment applications. The
device is fully integrated with two N-channel power
MOSFET H-bridge drivers, a microstepping indexer,
and integrated current sensing. The DRV8886 is
capable of driving up to 2-A full scale or 1.4-A rms
output current (24-V and TA = 25°C, dependent on
PCB design).
The
DRV8886
uses
an
internal
current
sense
architecture to eliminate the need for two external
power sense resistors, saving PCB area and system
cost. The DRV8886 uses an internal fixed off-time
PWM current regulation scheme adjustable between
slow and mixed decay options.
A simple STEP/DIR interface allows an external
controller to manage the direction and step rate of the
stepper motor. The device can be configured in
different step modes ranging from full-step to 1/16
microstepping. A low-power sleep mode is provided
for very low standby quiescent standby current using
a dedicated nSLEEP pin.
Device protection features are provided for supply
undervoltage, charge pump faults, overcurrent, short
circuits, and overtemperature. Fault conditions are
indicated by the nFAULT pin.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8886
HTSSOP (24)
7.80 × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DRV8886PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886PWP TI1-DRV8886PWP Datasheet
2Mb / 45P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
DRV8886PWPR TI1-DRV8886PWPR Datasheet
2Mb / 45P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
More results

Similar Description - DRV8886PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886 TI1-DRV8886_18 Datasheet
2Mb / 45P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
DRV8885 TI1-DRV8885_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.5-A Stepper Motor Driver With Integrated Current Sense
DRV8886AT TI1-DRV8886AT_18 Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT TI1-DRV8886AT Datasheet
1Mb / 40P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT_1811 TI1-DRV8886AT_1811 Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
logo
Maxim Integrated Produc...
MAX22203 MAXIM-MAX22203 Datasheet
411Kb / 23P
   65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
   36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
[Old version datasheet]   H-Bridge Motor Driver With Integrated Current Sense and Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com