Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8886PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8886PWPR
Description  2-A Stepper Motor Driver With Integrated Current Sense
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8886PWPR Datasheet(HTML) 3 Page - Texas Instruments

  DRV8886PWPR Datasheet HTML 1Page - Texas Instruments DRV8886PWPR Datasheet HTML 2Page - Texas Instruments DRV8886PWPR Datasheet HTML 3Page - Texas Instruments DRV8886PWPR Datasheet HTML 4Page - Texas Instruments DRV8886PWPR Datasheet HTML 5Page - Texas Instruments DRV8886PWPR Datasheet HTML 6Page - Texas Instruments DRV8886PWPR Datasheet HTML 7Page - Texas Instruments DRV8886PWPR Datasheet HTML 8Page - Texas Instruments DRV8886PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
CPL
24
DECAY
2
CPH
23
TRQ
3
VCP
22
M1
4
VM
21
M0
5
AOUT1
20
DIR
6
PGND
19
STEP
7
AOUT2
18
ENABLE
8
BOUT2
17
nSLEEP
9
PGND
16
RREF
10
BOUT1
15
nFAULT
11
VM
14
DVDD
12
GND
13
AVDD
Not to scale
Thermal
Pad
3
DRV8886
www.ti.com
SLVSDA4 – JANUARY 2017
Product Folder Links: DRV8886
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
I = input, O = output, PWR = power, OD = open-drain
5 Pin Configuration and Functions
PWP PowerPAD™ Package
24-Pin HTSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AOUT1
5
O
Winding A output. Connect to stepper motor winding.
AOUT2
7
AVDD
13
PWR
Internal regulator. Bypass to GND with a X5R or X7R, 0.47-µF, 6.3-V ceramic capacitor.
BOUT1
10
O
Winding B output. Connect to stepper motor winding.
BOUT2
8
CPH
2
PWR
Charge pump switching node. Connect a X5R or X7R, 0.022-µF, VM-rated ceramic capacitor from CPH to CPL.
CPL
1
DECAY
24
I
Decay-mode setting. Sets the decay mode (see the Decay Modes section). Decay mode can be adjusted during operation.
DIR
20
I
Direction input. Logic level sets the direction of stepping; internal pulldown resistor.
DVDD
14
PWR
Internal regulator. Bypass to GND with a X5R or X7R, 0.47-µF, 6.3-V ceramic capacitor.
ENABLE
18
I
Enable driver input. Logic high to enable device outputs; logic low to disable; internal pulldown resistor.
GND
12
PWR
Device ground. Connect to system ground.
M0
21
I
Microstepping mode-setting. Sets the step mode; tri-level pins; sets the step mode; internal pulldown resistor.
M1
22
PGND
6
PWR
Power ground. Connect to system ground.
9
RREF
16
I
Current-limit analog input. Connect a resistor to ground to set full-scale regulation current.
STEP
19
I
Step input. A rising edge causes the indexer to advance one step; internal pulldown resistor.
TRQ
23
I
Current-scaling control. Scales the output current; tri-level pin.
VCP
3
PWR
Charge pump output. Connect a X5R or X7R, 0.22-µF, 16-V ceramic capacitor to VM.
VM
4
PWR
Power supply. Connect to motor supply voltage and bypass to GND with two 0.01-µF ceramic capacitors (one for each pin)
plus a bulk capacitor rated for VM.
11
nFAULT
15
OD
Fault indication. Pulled logic low with fault condition; open-drain output requires an external pullup resistor.
nSLEEP
17
I
Sleep mode input. Logic high to enable device; logic low to enter low-power sleep mode; internal pulldown resistor.


Similar Part No. - DRV8886PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886PWPR TI1-DRV8886PWPR Datasheet
2Mb / 45P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
More results

Similar Description - DRV8886PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886 TI1-DRV8886_18 Datasheet
2Mb / 45P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
DRV8885 TI1-DRV8885_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.5-A Stepper Motor Driver With Integrated Current Sense
DRV8886AT TI1-DRV8886AT_18 Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT TI1-DRV8886AT Datasheet
1Mb / 40P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT_1811 TI1-DRV8886AT_1811 Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
logo
Maxim Integrated Produc...
MAX22203 MAXIM-MAX22203 Datasheet
411Kb / 23P
   65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
   36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
logo
Texas Instruments
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
[Old version datasheet]   H-Bridge Motor Driver With Integrated Current Sense and Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com