Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE2-24SNUH-L Datasheet(PDF) 8 Page - Kemet Corporation

Part # EE2-24SNUH-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EE2-24SNUH-L Datasheet(HTML) 8 Page - Kemet Corporation

Back Button EE2-24SNUH-L Datasheet HTML 4Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 5Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 6Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 7Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 8Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 9Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 10Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 11Page - Kemet Corporation EE2-24SNUH-L Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
Coil Specifications
Non-latch Type (@ 20°C)
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Operating Voltage1
(VDC)
Release Voltage1
(VDC)
Nominal Operating
Power (mW)
3
64.3
2.25
0.3
140
4.5
145
3.38
0.45
140
5
178
3.75
0.5
140
12
1028
9.0
1.2
140
24
2880
18.0
2.4
200
1
Test by pulse voltage.
Single Coil Latch Type (@ 20°C)2
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Set Voltage1
(VDC)
Reset Voltage1
(VDC)
Nominal Operating
Power (mW)
3
90
2.25
2.25
100
4.5
202.5
3.38
3.38
100
5
250
3.75
3.75
100
12
1440
9.0
9.0
100
24
3840
18.0
18.0
150
1
Test by pulse voltage.
2
Latchtyperelaysshouldbeinitializedtoaknownpositionbeforeusing.Onlythespecifiedpolarityshouldbeusedtoenergizethecoil.
Double Coil Latch Type (@ 20°C)2,3
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Set Voltage4
(VDC)
Release Voltage4
(VDC)
Nominal Operating
Power (mW)
3
S
64.3
2.25
140
R
64.3
2.25
4.5
S
145
3.38
140
R
145
3.38
5
S
178
3.75
140
R
178
3.75
12
S
1028
9.0
140
R
1028
9.0
24
S
2880
18.0
200
R
2880
18.0
2
Latchtyperelaysshouldbeinitializedtoaknownpositionbeforeusing.Onlythespecifiedpolarityshouldbeusedtoenergizethecoil.
3
Can not be driven by reverse polarity for reverse operation.
4
S = Set coil [pin #1 (+), pin #12 (-)], R = Reset coil [pin #6 (+), pin #7 (-)].


Similar Part No. - EE2-24SNUH-L

ManufacturerPart #DatasheetDescription
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
Kemet Corporation
EE2-24NUH-L KEMET-EE2-24NUH-L Datasheet
87Kb / 1P
   Relays, Signal, EE2
More results

Similar Description - EE2-24SNUH-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com