Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS460IRNHR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460IRNHR
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460IRNHR Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS460IRNHR Datasheet HTML 1Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 2Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 3Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 4Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 5Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 6Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 7Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 8Page - Texas Instruments HD3SS460IRNHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LnCn
LnBp
LnBn
EN
LnAp
LnAn
CRX1n
CTX1p
2
CTX1n
CTX2p
AMSEL
CTX2n
CRX2p
CRX2n
POL
LnDn
LnCp
LnDp
VCC
CRX1p
3
4
5
6
7
8
9
17
29
1
28
27
26
14
13
12
10
15
18
19
20
21
22
23
24
25
16
Thermal Pad
GND
30
11
LnCn
LnBp
LnBn
EN
LnAp
LnAn
CRX1n
CTX1p
2
CTX1n
CTX2p
AMSEL
CTX2n
CRX2p
CRX2n
POL
LnDn
LnCp
LnDp
VCC
CRX1p
3
4
5
6
7
8
9
16
28
1
27
26
25
13
12
11
10
14
17
18
19
20
21
22
23
24
15
Thermal Pad
GND
5
HD3SS460
www.ti.com
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
RHR Package With Thermal Pad
(28-Pin WQFN)
Top View
RNH Package With Thermal Pad
(30-Pin WQFN)
Top View
(1)
High speed data ports (CRX[1/2][p/n], Ln[A-D][p,n], and SS[T/R]X[p/n]) incorporate 20k
Ω pull down resistors that are switched in when a
port is not selected and switched out when the port is selected.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
RHR
NO.
RNH
NO.
VCC
22
23
P
Power
GND
PAD
13, 28, PAD
G
Ground
POL
3
3
Input
Provides MUX control (Table 1)
AMSEL
8
8
3-Level
Input
Provides MUX configurations (Table 1)
EN
17
18
3-Level
Input
Enable signal; also provides MUX control (Table 1)
CRX1p, n
1, 2
1, 2
I/O
High Speed Signal Port CRX1 positive, negative
CTX1p, n
4, 5
4, 5
I/O
High Speed Signal Port CTX1 positive, negative
CTX2p, n
6, 7
6, 7
I/O
High Speed Signal Port CTX2 positive, negative
CRX2p, n
9, 10
9, 10
I/O
High Speed Signal Port CRX2 positive, negative
LnAn, p
15, 16
16, 17
I/O
High Speed Signal Port LnA positive, negative
LnBn, p
18, 19
19, 20
I/O
High Speed Signal Port LnB negative, positive
LnCn, p
20, 21
21, 22
I/O
High Speed Signal Port LnC negative, positive
LnDn, p
23, 24
24, 25
I/O
High Speed Signal Port LnD negative, positive
SSTXn, p
25, 26
26, 27
I/O
High Speed Signal Port SSTX negative, positive
SSRXn, p
27, 28
29, 30
I/O
High Speed Signal Port SSRX negative, positive
CSBU1, 2
11, 12
11, 12
I/O
Low Speed Signal Port CSBU 1, 2
SBU1, 2
13, 14
14, 15
I/O
Low Speed Signal Port SBU 1, 2


Similar Part No. - HD3SS460IRNHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS460IRHRR TI1-HD3SS460IRHRR Datasheet
1Mb / 34P
[Old version datasheet]   4 x 6 Channels USB Type-C Alternate Mode MUX
HD3SS460IRHRT TI1-HD3SS460IRHRT Datasheet
1Mb / 34P
[Old version datasheet]   4 x 6 Channels USB Type-C Alternate Mode MUX
More results

Similar Description - HD3SS460IRNHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS460 TI1-HD3SS460 Datasheet
1Mb / 34P
[Old version datasheet]   4 x 6 Channels USB Type-C Alternate Mode MUX
HD3SS460 TI-HD3SS460_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS460 4 x 6 Channels USB Type-C Alternate Mode MUX
logo
Cypress Semiconductor
CYPD1120 CYPRESS-CYPD1120 Datasheet
672Kb / 24P
   USB Power Delivery Alternate Mode Controller on Type-C
logo
Texas Instruments
HD3SS2522 TI1-HD3SS2522 Datasheet
1Mb / 25P
[Old version datasheet]   USB Type-C SS MUX
logo
Tripp Lite. All Rights ...
U444-06N-H4-C TRIPPLITE-U444-06N-H4-C Datasheet
513Kb / 2P
   USB 3.1 Gen 1 USB-C to HDMI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port, 4K x 2K
logo
Diodes Incorporated
PI3EQX16621 DIODES-PI3EQX16621 Datasheet
679Kb / 1P
   16Gbps, 4-Channels PCIe Mux ReDriver
logo
Tripp Lite. All Rights ...
U444-06N-D-C TRIPPLITE-U444-06N-D-C Datasheet
516Kb / 2P
   USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
U444-06N-V-C TRIPPLITE-U444-06N-V-C Datasheet
512Kb / 2P
   USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
[Old version datasheet]   USB Type-C 5 Gbps Redriver 2:1 MUX
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
   MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com