Electronic Components Datasheet Search |
|
EE2-12SNUX-L Datasheet(PDF) 4 Page - Kemet Corporation |
|
EE2-12SNUX-L Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 18 page 4 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com R7002_EC2_EE2 • 2/27/2014 Miniature Signal Relays – EC2/EE2 Series Table 1 – Ratings & Part Number Reference (1) To complete KEMET part number, leave blank for Non-latch, insert S for Single coil, or T for Double coil. Designates latch type. 1 NKX type only available as Non-latch. Non-standard part, please contact KEMET to special order. Part Number Nominal Coil Voltage (VDC) Lead Type Packaging EC2-3(1)NU 3 Radial Tube EC2-4.5(1)NU 4.5 Radial Tube EC2-5(1)NU 5 Radial Tube EC2-12(1)NU 12 Radial Tube EC2-24(1)NU 24 Radial Tube EE2-3(1)NU 3 Surface mount Tube EE2-4.5(1)NU 4.5 Surface mount Tube EE2-5(1)NU 5 Surface mount Tube EE2-12(1)NU 12 Surface mount Tube EE2-24(1)NU 24 Surface mount Tube EE2-3(1)NU-L 3 Surface mount Tape on Reel EE2-4.5(1)NU-L 4.5 Surface mount Tape on Reel EE2-5(1)NU-L 5 Surface mount Tape on Reel EE2-12(1)NU-L 12 Surface mount Tape on Reel EE2-24(1)NU-L 24 Surface mount Tape on Reel EE2-3(1)NUH 3 Surface mount, Minimum footprint Tube EE2-4.5(1)NUH 4.5 Surface mount, Minimum footprint Tube EE2-5(1)NUH 5 Surface mount, Minimum footprint Tube EE2-12(1)NUH 12 Surface mount, Minimum footprint Tube EE2-24(1)NUH 24 Surface mount, Minimum footprint Tube EE2-3(1)NUH-L 3 Surface mount, Minimum footprint Tape on Reel EE2-4.5(1)NUH-L 4.5 Surface mount, Minimum footprint Tape on Reel EE2-5(1)NUH-L 5 Surface mount, Minimum footprint Tape on Reel EE2-12(1)NUH-L 12 Surface mount, Minimum footprint Tape on Reel EE2-24(1)NUH-L 24 Surface mount, Minimum footprint Tape on Reel EE2-3(1)NUX 3 Surface mount, High solder joint reliability Tube EE2-4.5(1)NUX 4.5 Surface mount, High solder joint reliability Tube EE2-5(1)NUX 5 Surface mount, High solder joint reliability Tube EE2-12(1)NUX 12 Surface mount, High solder joint reliability Tube EE2-24(1)NUX 24 Surface mount, High solder joint reliability Tube EE2-3(1)NUX-L 3 Surface mount, High solder joint reliability Tape on Reel EE2-4.5(1)NUX-L 4.5 Surface mount, High solder joint reliability Tape on Reel EE2-5(1)NUX-L 5 Surface mount, High solder joint reliability Tape on Reel EE2-12(1)NUX-L 12 Surface mount, High solder joint reliability Tape on Reel EE2-24(1)NUX-L 24 Surface mount, High solder joint reliability Tape on Reel EE2-3NKX1 3 Surface mount, High breakdown voltage, High solder joint reliability Tube EE2-4.5NKX1 4.5 Surface mount, High breakdown voltage, High solder joint reliability Tube EE2-12NKX1 12 Surface mount, High breakdown voltage, High solder joint reliability Tube EE2-3NKX-L1 3 Surface mount, High breakdown voltage, High solder joint reliability Tape on Reel EE2-4.5NKX-L1 4.5 Surface mount, High breakdown voltage, High solder joint reliability Tape on Reel EE2-12NKX-L1 12 Surface mount, High breakdown voltage, High solder joint reliability Tape on Reel |
Similar Part No. - EE2-12SNUX-L |
|
Similar Description - EE2-12SNUX-L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |