Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA169 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA169
Description  High-Side Measurement Current Shunt Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA169 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA169 Datasheet HTML 7Page - Texas Instruments INA169 Datasheet HTML 8Page - Texas Instruments INA169 Datasheet HTML 9Page - Texas Instruments INA169 Datasheet HTML 10Page - Texas Instruments INA169 Datasheet HTML 11Page - Texas Instruments INA169 Datasheet HTML 12Page - Texas Instruments INA169 Datasheet HTML 13Page - Texas Instruments INA169 Datasheet HTML 14Page - Texas Instruments INA169 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
I
S
OPA340
INA139
3
4
Z
IN
R
L
Buffer of amp drives the A/D converter
without affecting gain.
INA139, INA169
www.ti.com
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
8.2 Typical Applications
The INA139 is designed for current shunt measurement circuits, as shown in Figure 9, but its basic function is
useful in a wide range of circuitry. A creative engineer will find many unforeseen uses in measurement and level
shifting circuits. A few ideas are illustrated in Figure 14 through Figure 18.
8.2.1 Buffering Output to Drive an ADC
Figure 10. Buffering Output to Drive the A/D Converter
8.2.1.1 Design Requirements
Digitize the output of the INA139 or INA169 devices using a 1-MSPS analog-to-digital converter (ADC).
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Selecting RS and RL
In Figure 9 the value chosen for the shunt resistor, RS, depends on the application and is a compromise between
small-signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide
better accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss
in the supply line. For most applications, best performance is attained with an RS value that provides a full-scale
shunt voltage of 50 mV to 100 mV; maximum input voltage for accurate measurements is 500 mV.
RL is chosen to provide the desired full-scale output voltage. The output impedance of the INA139 and INA169
OUT terminal is very high, which permits using values of RL up to 100 kΩ with excellent accuracy. The input
impedance of any additional circuitry at the output must be much higher than the value of RL to avoid degrading
accuracy.
Some Analog-to-Digital converters (ADC) have input impedances that will significantly affect measurement gain.
The input impedance of the ADC can be included as part of the effective RL if its input can be modeled as a
resistor to ground. Alternatively, an operational amplifier can be used to buffer the ADC input, as shown in
Figure 10. The INA139 and INA169 are current output devices, and as such have an inherently large output
impedance. The output currents from the amplifier are converted to an output voltage through the load resistor,
RL, connected from the amplifier output to ground. The ratio of the load resistor value to that of the internal
resistor value determines the voltage gain of the system.
In many applications digitizing the output of the INA139 or INA169 devices is required. This is accomplished by
connecting the output of the amplifier to an ADC. It is very common for an ADC to have a dynamic input
impedance. If the INA139 or INA169 output is connected directly to an ADC input, the input impedance of the
ADC is effectively connected in parallel with the gain setting resistor RL. This parallel impedance combination will
affect the gain of the system and the impact on the gain is difficult to estimate accurately. A simple solution that
eliminates the paralleling of impedances, simplifying the gain of the circuit is to place a buffer amplifier, such as
the OPA340, between the output of the INA139 or INA169 devices and the input to the ADC.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA139 INA169


Similar Part No. - INA169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA169 TI-INA169 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA169 TI-INA169 Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA169-Q1 TI-INA169-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA169NA/250 TI-INA169NA/250 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results

Similar Description - INA169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com