Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE2-24SNKX-L Datasheet(PDF) 10 Page - Kemet Corporation

Part # EE2-24SNKX-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EE2-24SNKX-L Datasheet(HTML) 10 Page - Kemet Corporation

Back Button EE2-24SNKX-L Datasheet HTML 6Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 7Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 8Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 9Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 10Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 11Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 12Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 13Page - Kemet Corporation EE2-24SNKX-L Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
Maximum Coil Voltage
Maximum value of permissible alteration
Performance Data
Coil Temperature Rise
Temperature is measured by coil resistance
Switching Capacity
Maximum Values
Applied Voltage vs. Timing
(Sample: EE2-5NU)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.09.12 9600SD2VOL02E1209H0
EC2/EE2 SERIES
10
EC2/EE2 SERIES
11
PERFORMANCE DATA
Minimum
footprint
Taping
3
EE2-3NUH-L
EE2-3SNUH-L
EE2-3TNUH-L
4.5
EE2-4.5NUH-L
EE2-4.5SNUH-L
EE2-4.5TNUH-L
5
EE2-5NUH-L
EE2-5SNUH-L
EE2-5TNUH-L
9
EE2-9NUH-L
EE2-9SNUH-L
EE2-9TNUH-L
12
EE2-12NUH-L
EE2-12SNUH-L
EE2-12TNUH-L
24
EE2-24NUH-L
EE2-24SNUH-L
EE2-24TNUH-L
High solder
joint reliability
Tube
3
EE2-3NUX
EE2-3SNUX
EE2-3TNUX
4.5
EE2-4.5NUX
EE2-4.5SNUX
EE2-4.5TNUX
5
EE2-5NUX
EE2-5SNUX
EE2-5TNUX
9
EE2-9NUX
EE2-9SNUX
EE2-9TNUX
12
EE2-12NUX
EE2-12SNUX
EE2-12TNUX
24
EE2-24NUX
EE2-24SNUX
EE2-24TNUX
Taping
3
EE2-3NUX-L
EE2-3SNUX-L
EE2-3TNUX-L
4.5
EE2-4.5NUX-L
EE2-4.5SNUX-L
EE2-4.5TNUX-L
5
EE2-5NUX-L
EE2-5SNUX-L
EE2-5TNUX-L
9
EE2-9NUX-L
EE2-9SNUX-L
EE2-9TNUX-L
12
EE2-12NUX-L
EE2-12SNUX-L
EE2-12TNUX-L
24
EE2-24NUX-L
EE2-24SNUX-L
EE2-24TNUX-L
□ EE2 series High Insulation Type (ND Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
Single Coil Latch
Standard
Tube
3
EE2-3ND
EE2-3SND
4.5
EE2-4.5ND
EE2-4.5SND
5
EE2-5ND
EE2-5SND
9
EE2-9ND
EE2-9SND
12
EE2-12ND
EE2-12SND
24
EE2-24ND
EE2-24SND
Taping
3
EE2-3ND-L
EE2-3SND-L
4.5
EE2-4.5ND-L
EE2-4.5SND-L
5
EE2-5ND-L
EE2-5SND-L
9
EE2-9ND-L
EE2-9SND-L
12
EE2-12ND-L
EE2-12SND-L
24
EE2-24ND-L
EE2-24SND-L
□ EE2 series High Breakdown Voltage Type (NKX Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
High solder
joint reliability
Tube
3
EE2-3NKX
4.5
EE2-4.5NKX
12
EE2-12NKX
Taping
3
EE2-3NKX-L
4.5
EE2-4.5NKX-L
12
EE2-12NKX-L
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80
100
200
150
100
50
Ambient temperature (
℃)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
□ COIL TEMPERATURE RISE
Temperature is measured by coil resistance
□ SWITCHING CAPACITY
These are maximum value.
Inquire with NEC TOKIN for maximum values under continuous
□ MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
□ APPLIED VOLTAGE VS. TIMING
(Sample:EE2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (
℃)
Coil temperature
rise (
℃)
Contact
current (A)
Ratio
of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.09.12 9600SD2VOL02E1209H0
EC2/EE2 SERIES
10
EC2/EE2 SERIES
11
PERFORMANCE DATA
Minimum
footprint
Taping
3
EE2-3NUH-L
EE2-3SNUH-L
EE2-3TNUH-L
4.5
EE2-4.5NUH-L
EE2-4.5SNUH-L
EE2-4.5TNUH-L
5
EE2-5NUH-L
EE2-5SNUH-L
EE2-5TNUH-L
9
EE2-9NUH-L
EE2-9SNUH-L
EE2-9TNUH-L
12
EE2-12NUH-L
EE2-12SNUH-L
EE2-12TNUH-L
24
EE2-24NUH-L
EE2-24SNUH-L
EE2-24TNUH-L
High solder
joint reliability
Tube
3
EE2-3NUX
EE2-3SNUX
EE2-3TNUX
4.5
EE2-4.5NUX
EE2-4.5SNUX
EE2-4.5TNUX
5
EE2-5NUX
EE2-5SNUX
EE2-5TNUX
9
EE2-9NUX
EE2-9SNUX
EE2-9TNUX
12
EE2-12NUX
EE2-12SNUX
EE2-12TNUX
24
EE2-24NUX
EE2-24SNUX
EE2-24TNUX
Taping
3
EE2-3NUX-L
EE2-3SNUX-L
EE2-3TNUX-L
4.5
EE2-4.5NUX-L
EE2-4.5SNUX-L
EE2-4.5TNUX-L
5
EE2-5NUX-L
EE2-5SNUX-L
EE2-5TNUX-L
9
EE2-9NUX-L
EE2-9SNUX-L
EE2-9TNUX-L
12
EE2-12NUX-L
EE2-12SNUX-L
EE2-12TNUX-L
24
EE2-24NUX-L
EE2-24SNUX-L
EE2-24TNUX-L
□ EE2 series High Insulation Type (ND Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
Single Coil Latch
Standard
Tube
3
EE2-3ND
EE2-3SND
4.5
EE2-4.5ND
EE2-4.5SND
5
EE2-5ND
EE2-5SND
9
EE2-9ND
EE2-9SND
12
EE2-12ND
EE2-12SND
24
EE2-24ND
EE2-24SND
Taping
3
EE2-3ND-L
EE2-3SND-L
4.5
EE2-4.5ND-L
EE2-4.5SND-L
5
EE2-5ND-L
EE2-5SND-L
9
EE2-9ND-L
EE2-9SND-L
12
EE2-12ND-L
EE2-12SND-L
24
EE2-24ND-L
EE2-24SND-L
□ EE2 series High Breakdown Voltage Type (NKX Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
High solder
joint reliability
Tube
3
EE2-3NKX
4.5
EE2-4.5NKX
12
EE2-12NKX
Taping
3
EE2-3NKX-L
4.5
EE2-4.5NKX-L
12
EE2-12NKX-L
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80
100
200
150
100
50
Ambient temperature (
℃)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
□ COIL TEMPERATURE RISE
Temperature is measured by coil resistance
□ SWITCHING CAPACITY
These are maximum value.
Inquire with NEC TOKIN for maximum values under continuous
□ MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
□ APPLIED VOLTAGE VS. TIMING
(Sample:EE2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (
℃)
Coil temperature
rise (
℃)
Contact
current (A)
Ratio
of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.09.12 9600SD2VOL02E1209H0
EC2/EE2 SERIES
10
EC2/EE2 SERIES
11
PERFORMANCE DATA
Minimum
footprint
Taping
3
EE2-3NUH-L
EE2-3SNUH-L
EE2-3TNUH-L
4.5
EE2-4.5NUH-L
EE2-4.5SNUH-L
EE2-4.5TNUH-L
5
EE2-5NUH-L
EE2-5SNUH-L
EE2-5TNUH-L
9
EE2-9NUH-L
EE2-9SNUH-L
EE2-9TNUH-L
12
EE2-12NUH-L
EE2-12SNUH-L
EE2-12TNUH-L
24
EE2-24NUH-L
EE2-24SNUH-L
EE2-24TNUH-L
High solder
joint reliability
Tube
3
EE2-3NUX
EE2-3SNUX
EE2-3TNUX
4.5
EE2-4.5NUX
EE2-4.5SNUX
EE2-4.5TNUX
5
EE2-5NUX
EE2-5SNUX
EE2-5TNUX
9
EE2-9NUX
EE2-9SNUX
EE2-9TNUX
12
EE2-12NUX
EE2-12SNUX
EE2-12TNUX
24
EE2-24NUX
EE2-24SNUX
EE2-24TNUX
Taping
3
EE2-3NUX-L
EE2-3SNUX-L
EE2-3TNUX-L
4.5
EE2-4.5NUX-L
EE2-4.5SNUX-L
EE2-4.5TNUX-L
5
EE2-5NUX-L
EE2-5SNUX-L
EE2-5TNUX-L
9
EE2-9NUX-L
EE2-9SNUX-L
EE2-9TNUX-L
12
EE2-12NUX-L
EE2-12SNUX-L
EE2-12TNUX-L
24
EE2-24NUX-L
EE2-24SNUX-L
EE2-24TNUX-L
□ EE2 series High Insulation Type (ND Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
Single Coil Latch
Standard
Tube
3
EE2-3ND
EE2-3SND
4.5
EE2-4.5ND
EE2-4.5SND
5
EE2-5ND
EE2-5SND
9
EE2-9ND
EE2-9SND
12
EE2-12ND
EE2-12SND
24
EE2-24ND
EE2-24SND
Taping
3
EE2-3ND-L
EE2-3SND-L
4.5
EE2-4.5ND-L
EE2-4.5SND-L
5
EE2-5ND-L
EE2-5SND-L
9
EE2-9ND-L
EE2-9SND-L
12
EE2-12ND-L
EE2-12SND-L
24
EE2-24ND-L
EE2-24SND-L
□ EE2 series High Breakdown Voltage Type (NKX Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
High solder
joint reliability
Tube
3
EE2-3NKX
4.5
EE2-4.5NKX
12
EE2-12NKX
Taping
3
EE2-3NKX-L
4.5
EE2-4.5NKX-L
12
EE2-12NKX-L
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80
100
200
150
100
50
Ambient temperature (
℃)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
□ COIL TEMPERATURE RISE
Temperature is measured by coil resistance
□ SWITCHING CAPACITY
These are maximum value.
Inquire with NEC TOKIN for maximum values under continuous
□ MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
□ APPLIED VOLTAGE VS. TIMING
(Sample:EE2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (
℃)
Coil temperature
rise (
℃)
Contact
current (A)
Ratio
of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.09.12 9600SD2VOL02E1209H0
EC2/EE2 SERIES
10
EC2/EE2 SERIES
11
PERFORMANCE DATA
Minimum
footprint
Taping
3
EE2-3NUH-L
EE2-3SNUH-L
EE2-3TNUH-L
4.5
EE2-4.5NUH-L
EE2-4.5SNUH-L
EE2-4.5TNUH-L
5
EE2-5NUH-L
EE2-5SNUH-L
EE2-5TNUH-L
9
EE2-9NUH-L
EE2-9SNUH-L
EE2-9TNUH-L
12
EE2-12NUH-L
EE2-12SNUH-L
EE2-12TNUH-L
24
EE2-24NUH-L
EE2-24SNUH-L
EE2-24TNUH-L
High solder
joint reliability
Tube
3
EE2-3NUX
EE2-3SNUX
EE2-3TNUX
4.5
EE2-4.5NUX
EE2-4.5SNUX
EE2-4.5TNUX
5
EE2-5NUX
EE2-5SNUX
EE2-5TNUX
9
EE2-9NUX
EE2-9SNUX
EE2-9TNUX
12
EE2-12NUX
EE2-12SNUX
EE2-12TNUX
24
EE2-24NUX
EE2-24SNUX
EE2-24TNUX
Taping
3
EE2-3NUX-L
EE2-3SNUX-L
EE2-3TNUX-L
4.5
EE2-4.5NUX-L
EE2-4.5SNUX-L
EE2-4.5TNUX-L
5
EE2-5NUX-L
EE2-5SNUX-L
EE2-5TNUX-L
9
EE2-9NUX-L
EE2-9SNUX-L
EE2-9TNUX-L
12
EE2-12NUX-L
EE2-12SNUX-L
EE2-12TNUX-L
24
EE2-24NUX-L
EE2-24SNUX-L
EE2-24TNUX-L
□ EE2 series High Insulation Type (ND Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
Single Coil Latch
Standard
Tube
3
EE2-3ND
EE2-3SND
4.5
EE2-4.5ND
EE2-4.5SND
5
EE2-5ND
EE2-5SND
9
EE2-9ND
EE2-9SND
12
EE2-12ND
EE2-12SND
24
EE2-24ND
EE2-24SND
Taping
3
EE2-3ND-L
EE2-3SND-L
4.5
EE2-4.5ND-L
EE2-4.5SND-L
5
EE2-5ND-L
EE2-5SND-L
9
EE2-9ND-L
EE2-9SND-L
12
EE2-12ND-L
EE2-12SND-L
24
EE2-24ND-L
EE2-24SND-L
□ EE2 series High Breakdown Voltage Type (NKX Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
High solder
joint reliability
Tube
3
EE2-3NKX
4.5
EE2-4.5NKX
12
EE2-12NKX
Taping
3
EE2-3NKX-L
4.5
EE2-4.5NKX-L
12
EE2-12NKX-L
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80
100
200
150
100
50
Ambient temperature (
℃)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
□ COIL TEMPERATURE RISE
Temperature is measured by coil resistance
□ SWITCHING CAPACITY
These are maximum value.
Inquire with NEC TOKIN for maximum values under continuous
□ MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
□ APPLIED VOLTAGE VS. TIMING
(Sample:EE2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (
℃)
Coil temperature
rise (
℃)
Contact
current (A)
Ratio
of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.09.12 9600SD2VOL02E1209H0
EC2/EE2 SERIES
10
EC2/EE2 SERIES
11
PERFORMANCE DATA
Minimum
footprint
Taping
3
EE2-3NUH-L
EE2-3SNUH-L
EE2-3TNUH-L
4.5
EE2-4.5NUH-L
EE2-4.5SNUH-L
EE2-4.5TNUH-L
5
EE2-5NUH-L
EE2-5SNUH-L
EE2-5TNUH-L
9
EE2-9NUH-L
EE2-9SNUH-L
EE2-9TNUH-L
12
EE2-12NUH-L
EE2-12SNUH-L
EE2-12TNUH-L
24
EE2-24NUH-L
EE2-24SNUH-L
EE2-24TNUH-L
High solder
joint reliability
Tube
3
EE2-3NUX
EE2-3SNUX
EE2-3TNUX
4.5
EE2-4.5NUX
EE2-4.5SNUX
EE2-4.5TNUX
5
EE2-5NUX
EE2-5SNUX
EE2-5TNUX
9
EE2-9NUX
EE2-9SNUX
EE2-9TNUX
12
EE2-12NUX
EE2-12SNUX
EE2-12TNUX
24
EE2-24NUX
EE2-24SNUX
EE2-24TNUX
Taping
3
EE2-3NUX-L
EE2-3SNUX-L
EE2-3TNUX-L
4.5
EE2-4.5NUX-L
EE2-4.5SNUX-L
EE2-4.5TNUX-L
5
EE2-5NUX-L
EE2-5SNUX-L
EE2-5TNUX-L
9
EE2-9NUX-L
EE2-9SNUX-L
EE2-9TNUX-L
12
EE2-12NUX-L
EE2-12SNUX-L
EE2-12TNUX-L
24
EE2-24NUX-L
EE2-24SNUX-L
EE2-24TNUX-L
□ EE2 series High Insulation Type (ND Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
Single Coil Latch
Standard
Tube
3
EE2-3ND
EE2-3SND
4.5
EE2-4.5ND
EE2-4.5SND
5
EE2-5ND
EE2-5SND
9
EE2-9ND
EE2-9SND
12
EE2-12ND
EE2-12SND
24
EE2-24ND
EE2-24SND
Taping
3
EE2-3ND-L
EE2-3SND-L
4.5
EE2-4.5ND-L
EE2-4.5SND-L
5
EE2-5ND-L
EE2-5SND-L
9
EE2-9ND-L
EE2-9SND-L
12
EE2-12ND-L
EE2-12SND-L
24
EE2-24ND-L
EE2-24SND-L
□ EE2 series High Breakdown Voltage Type (NKX Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
High solder
joint reliability
Tube
3
EE2-3NKX
4.5
EE2-4.5NKX
12
EE2-12NKX
Taping
3
EE2-3NKX-L
4.5
EE2-4.5NKX-L
12
EE2-12NKX-L
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80
100
200
150
100
50
Ambient temperature (
℃)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
□ COIL TEMPERATURE RISE
Temperature is measured by coil resistance
□ SWITCHING CAPACITY
These are maximum value.
Inquire with NEC TOKIN for maximum values under continuous
□ MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
□ APPLIED VOLTAGE VS. TIMING
(Sample:EE2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (
℃)
Coil temperature
rise (
℃)
Contact
current (A)
Ratio
of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2012.09.12 9600SD2VOL02E1209H0
EC2/EE2 SERIES
10
EC2/EE2 SERIES
11
PERFORMANCE DATA
Minimum
footprint
Taping
3
EE2-3NUH-L
EE2-3SNUH-L
EE2-3TNUH-L
4.5
EE2-4.5NUH-L
EE2-4.5SNUH-L
EE2-4.5TNUH-L
5
EE2-5NUH-L
EE2-5SNUH-L
EE2-5TNUH-L
9
EE2-9NUH-L
EE2-9SNUH-L
EE2-9TNUH-L
12
EE2-12NUH-L
EE2-12SNUH-L
EE2-12TNUH-L
24
EE2-24NUH-L
EE2-24SNUH-L
EE2-24TNUH-L
High solder
joint reliability
Tube
3
EE2-3NUX
EE2-3SNUX
EE2-3TNUX
4.5
EE2-4.5NUX
EE2-4.5SNUX
EE2-4.5TNUX
5
EE2-5NUX
EE2-5SNUX
EE2-5TNUX
9
EE2-9NUX
EE2-9SNUX
EE2-9TNUX
12
EE2-12NUX
EE2-12SNUX
EE2-12TNUX
24
EE2-24NUX
EE2-24SNUX
EE2-24TNUX
Taping
3
EE2-3NUX-L
EE2-3SNUX-L
EE2-3TNUX-L
4.5
EE2-4.5NUX-L
EE2-4.5SNUX-L
EE2-4.5TNUX-L
5
EE2-5NUX-L
EE2-5SNUX-L
EE2-5TNUX-L
9
EE2-9NUX-L
EE2-9SNUX-L
EE2-9TNUX-L
12
EE2-12NUX-L
EE2-12SNUX-L
EE2-12TNUX-L
24
EE2-24NUX-L
EE2-24SNUX-L
EE2-24TNUX-L
□ EE2 series High Insulation Type (ND Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
Single Coil Latch
Standard
Tube
3
EE2-3ND
EE2-3SND
4.5
EE2-4.5ND
EE2-4.5SND
5
EE2-5ND
EE2-5SND
9
EE2-9ND
EE2-9SND
12
EE2-12ND
EE2-12SND
24
EE2-24ND
EE2-24SND
Taping
3
EE2-3ND-L
EE2-3SND-L
4.5
EE2-4.5ND-L
EE2-4.5SND-L
5
EE2-5ND-L
EE2-5SND-L
9
EE2-9ND-L
EE2-9SND-L
12
EE2-12ND-L
EE2-12SND-L
24
EE2-24ND-L
EE2-24SND-L
□ EE2 series High Breakdown Voltage Type (NKX Type)
Option
Nominal
Coil Voltage
(VDC)
Coil Type
Terminal
Packing
Non-latch
High solder
joint reliability
Tube
3
EE2-3NKX
4.5
EE2-4.5NKX
12
EE2-12NKX
Taping
3
EE2-3NKX-L
4.5
EE2-4.5NKX-L
12
EE2-12NKX-L
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80
100
200
150
100
50
Ambient temperature (
℃)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
□ COIL TEMPERATURE RISE
Temperature is measured by coil resistance
□ SWITCHING CAPACITY
These are maximum value.
Inquire with NEC TOKIN for maximum values under continuous
□ MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
□ APPLIED VOLTAGE VS. TIMING
(Sample:EE2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.2W
Coil temperature
rise (
℃)
Coil temperature
rise (
℃)
Contact
current (A)
Ratio
of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)


Similar Part No. - EE2-24SNKX-L

ManufacturerPart #DatasheetDescription
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
Kemet Corporation
EE2-24NUH-L KEMET-EE2-24NUH-L Datasheet
87Kb / 1P
   Relays, Signal, EE2
More results

Similar Description - EE2-24SNKX-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com