Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4820-6 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4820-6
Description  Fixed Gain 1 Watt Audio Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4820-6 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4820-6 Datasheet HTML 6Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 7Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 8Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 9Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 10Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 11Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 12Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 13Page - National Semiconductor (TI) LM4820-6 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Application Information (Continued)
reproduce signals below 100 Hz to 150 Hz. Thus, using a
large input capacitor may not increase actual system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is effected by the size of the input coupling capacitor,
C
i. A larger input coupling capacitor requires more charge to
reach its quiescent DC voltage (nominally 1/2 V
DD). This
charge comes from the output via the feedback and is apt to
create pops upon device enable. Thus, by minimizing the
capacitor size based on necessary low frequency response,
turn-on pops can be minimized.
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the bypass capacitor value. Bypass
capacitor, C
B, is the most critical component to minimize
turn-on pops since it determines how fast the LM4820-6
turns on. The slower the LM4820-6’s outputs ramp to their
quiescent DC voltage (nominally 1/2 V
DD), the smaller the
turn-on pop. Choosing C
B equal to 1.0 µF along with a small
value of C
i (in the range of 0.1 µF to 0.39 µF), should
produce a virtually clickless and popless shutdown function.
While the device will function properly, (no oscillations or
motorboating), with C
B equal to 0.1 µF, the device will be
much more susceptible to turn-on clicks and pops. Thus, a
value of C
B equal to 1.0 µF is recommended in all but the
most cost sensitive designs.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Ω AUDIO AMPLIFIER
Given:
Power Output
1 Wrms
Load Impedance
8
Input Level
1 Vrms
Input Impedance
25 k
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using Equation 3.
Using this method, the minimum supply voltage would be
(V
opeak +(VODTOP +VODBOT)), where VODBOT and VODTOP are
extrapolated from the Dropout Voltage vs Supply Voltage
curve in the Typical Performance Characteristics section.
(3)
2.7V
DD to 5VDD is a standard supply voltage range for most
applications. Extra supply voltage creates headroom that
allows the LM4820-6 to reproduce peaks in excess of 1W
without producing audible distortion. At this time, the de-
signer must make sure that the power supply choice along
with the output impedance does not violate the conditions
explained in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the differential gain is determined from Equations 4 or 5.
(4)
or
A
VD =2(Rf/Ri )
(5)
R
f =Ri = 25kΩ
A
VD =2(25kΩ/25kΩ )
A
VD =2
The last step in this design example is setting the amplifier’s
-3dB frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency re-
sponse must extend to at least one-fifth the lower bandwidth
limit. The high frequency response must extend to at least
five times the upper bandwidth limit. The gain variation for
both response limits is 0.17dB, well within the ±0.25dB
desired limit. The results are
f
L = 100Hz/5 = 20Hz
and
f
H = 20kHzx5= 100kHz
As mentioned in the Selecting Proper External Compo-
nents section, R
i and Ci create a highpass filter that sets the
amplifier’s lower bandpass frequency limit. To find the cou-
pling capacitor’s value, use Equation 6
C
i ≥ 1/(2πRifL)
(6)
The result is
1/(2
π*25kΩ*20kHz) = .318µf
Use a 0.33µf capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in
this example ) and the differential gain A
VD, determines the
upper passband response limit. With A
VD = 2 and fH =
100kHz, the closed-loop gain bandwidth product (GBWP) is
200kHz. This is less than the LM4820-6’s 25MHz GBWP.
With this margin, the amplifier can be used in designs that
require more differential gain while avoiding performance,
restricting bandwidth limitations.
www.national.com
10


Similar Part No. - LM4820-6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48 TI1-LM48 Datasheet
1Mb / 24P
[Old version datasheet]   Low Voltage High Power Audio Power Amplifier
logo
National Semiconductor ...
LM4801 NSC-LM4801 Datasheet
725Kb / 20P
   1W Stereo Audio Amplifier Plus Adjustable LDO
logo
Shanghai Leiditech Elec...
LM4801 LEIDITECH-LM4801 Datasheet
1Mb / 6P
   LCE P-Channel Enhancement Mode Power MOSFET
logo
National Semiconductor ...
LM4801MH NSC-LM4801MH Datasheet
725Kb / 20P
   1W Stereo Audio Amplifier Plus Adjustable LDO
logo
Sharp Corporation
LM480261 SHARP-LM480261 Datasheet
75Kb / 1P
   Medium Size Graphic Type LCD Module
More results

Similar Description - LM4820-6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
logo
Texas Instruments
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
[Old version datasheet]   1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
   1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
   1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
   1 Watt Audio Power Amplifier
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
   1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com