Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2314-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314-EP
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2314-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2314-EP Datasheet HTML 6Page - Texas Instruments OPA2314-EP Datasheet HTML 7Page - Texas Instruments OPA2314-EP Datasheet HTML 8Page - Texas Instruments OPA2314-EP Datasheet HTML 9Page - Texas Instruments OPA2314-EP Datasheet HTML 10Page - Texas Instruments OPA2314-EP Datasheet HTML 11Page - Texas Instruments OPA2314-EP Datasheet HTML 12Page - Texas Instruments OPA2314-EP Datasheet HTML 13Page - Texas Instruments OPA2314-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
OPA314-Q1, OPA2314-Q1, OPA4314-Q1
SLOS896B – DECEMBER 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: OPA314-Q1 OPA2314-Q1 OPA4314-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Parameters with minimum or maximum specification limits are 100% production tested at 25ºC, unless otherwise noted.
Overtemperature limits are based on characterization and statistical analysis.
(2)
Specified by design and characterization; not production tested.
6.7 Electrical Characteristics
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, VS = 1.8 V to 5.5 V, unless otherwise noted.
The phrase overtemperature refers to values over the specified temperature range of TA = –40°C to 125°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VCM = (VS+) – 1.3 V
0.5
2.5
mV
dVOS/dT
Input offset voltage vs
temperature
1
μV/°C
PSRR
vs power supply
VCM = (VS+) – 1.3 V
78
92
dB
Input offset voltage
overtemperature
74
dB
Channel separation, DC
At DC
10
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection
ratio
VS = 1.8 V to 5.5 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V
75
96
dB
VS = 5.5 V, VCM = –0.2 V to 5.7 V
(2)
66
80
dB
Common-mode rejection
ratio overtemperature
VS = 1.8 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V
70
86
dB
VS = 5.5 V, (VS–) – 0.2 V < VCM < (VS+) – 1.3 V
73
90
dB
VS = 5.5 V, VCM = –0.2 V to 5.7 V
(2)
60
dB
INPUT BIAS CURRENT
IB
Input bias current
±0.2
±10
pA
Input bias current
overtemperature
±600
pA
IOS
Input offset current
±0.2
±10
pA
Input offset current
overtemperature
±600
pA
NOISE
Input voltage noise (peak-
to-peak)
f = 0.1 Hz to 10 Hz
5
μVPP
en
Input voltage noise density
f = 10 kHz
13
nV/
√Hz
f = 1 kHz
14
nV/
√Hz
in
Input current noise density
f = 1 kHz
5
fA/
√Hz


Similar Part No. - OPA2314-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-EP TI-OPA2314-EP Datasheet
1Mb / 23P
[Old version datasheet]   3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2314-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com