Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS26600PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS26600PWPR
Description  60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS26600PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS26600PWPR Datasheet HTML 1Page - Texas Instruments TPS26600PWPR Datasheet HTML 2Page - Texas Instruments TPS26600PWPR Datasheet HTML 3Page - Texas Instruments TPS26600PWPR Datasheet HTML 4Page - Texas Instruments TPS26600PWPR Datasheet HTML 5Page - Texas Instruments TPS26600PWPR Datasheet HTML 6Page - Texas Instruments TPS26600PWPR Datasheet HTML 7Page - Texas Instruments TPS26600PWPR Datasheet HTML 8Page - Texas Instruments TPS26600PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
TPS2660
SLVSDG2A – JULY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS2660
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
TPS26600/1/2
HTSSOP
VQFN
PowerPadTM
PowerPad must be connected to RTN plane on PCB using multiple vias for
enhanced thermal performance. Do not use PowerPad as the only electrical
connection to RTN
RTN
8
15
Reference for device internal control circuits
SHDN
7
14
I
Shutdown Pin. Pulling SHDN low makes the device to enter into low power
shutdown mode. Cycling SHDN pin voltage resets the device that has latched
off due to a fault condition
UVLO
3
10
I
Input for setting the programmable undervoltage lockout threshold. An
undervoltage event turns-off the internal FET and asserts FLT to indicate the
power-failure. Connect UVLO pin to RTN pin to select the internal default
threshold


Similar Part No. - TPS26600PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS26600PWPR TI1-TPS26600PWPR Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
More results

Similar Description - TPS26600PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2660 TI1-TPS2660 Datasheet
3Mb / 45P
[Old version datasheet]   TPS2660x 60-V, 2-A Industrial eFuse with Integrated Reverse Input Polarity Protection
TPS2662 TI1-TPS2662 Datasheet
185Kb / 5P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2662 TI1-TPS2662_18 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Reverse Polarity Protection
TPS2640 TI-TPS2640 Datasheet
5Mb / 54P
[Old version datasheet]   TPS26400 42-V, 2-A eFuse With Integrated Reverse Input Polarity Protection
TPS2662_1808 TI1-TPS2662_1808 Datasheet
4Mb / 46P
[Old version datasheet]   60-V, 800-mA Industrial eFuse with Integrated Input and Output Reverse Polarity Protection
TPS25947 TI-TPS25947_V01 Datasheet
7Mb / 65P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947_V02 Datasheet
6Mb / 71P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS25947 TI-TPS25947 Datasheet
7Mb / 62P
[Old version datasheet]   TPS25947xx, 2.7 - 23 V, 5.5 A, 28 m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521_V01 Datasheet
4Mb / 48P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
TPS2521 TI-TPS2521 Datasheet
4Mb / 47P
[Old version datasheet]   TPS2521xx, 2.7 - 5.7 V, 4 A, 31-m廓 True Reverse Current Blocking eFuse with Input Reverse Polarity Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com