Electronic Components Datasheet Search |
|
MAFL-010639-CB0AD0 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAFL-010639-CB0AD0 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 5 page MoCA Band Pass Filter 500 - 3000 MHz Rev. V6 MAFL-010639-CB0AD0 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Outline Drawing: Recommended PCB Configuration Track dimension = 1.1mm Gap dimension = 1.2mm It is not recommended to run tracks under the filter unless they are greater than 1.6mm below the base. Ground should be 1.6mm below the base of the filter Area directly under the filter should be free from copper RF shield should be kept a minimum of 6mm above the filter 1. Dimensions in mm. 2. Tolerance: ±0.1mm unless otherwise noted. 3. Model number and lot code printed on reel. 4. Plating finish: ENIG on both sides, 0.05 to 0.1 µm gold over 3 to 6 µm nickel |
Similar Part No. - MAFL-010639-CB0AD0 |
|
Similar Description - MAFL-010639-CB0AD0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |