Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-011061 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-011061
Description  Excellent Cross over Isolation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-011061 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAFL-011061 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-011061 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-011061 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-011061 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAFL-011061 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAFL-011061 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vertical Plug-in Diplex Filter
5-85/102-1218MHz
Rev. V1
MAFL-011061
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves:
Common Port Return Loss
Isolation
High Pass Filter
Low Pass Filter
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
d
B
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
d
B
Frequency (MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1
10
100
1000
d
B
Frequency (MHz)
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
d
B
Frequency (MHz)


Similar Part No. - MAFL-011061

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011060 MA-COM-MAFL-011060 Datasheet
281Kb / 6P
   Excellent Return loss
MAFL-011062 MA-COM-MAFL-011062 Datasheet
840Kb / 6P
   Excellent Cross over Isolation
More results

Similar Description - MAFL-011061

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011062 MA-COM-MAFL-011062 Datasheet
840Kb / 6P
   Excellent Cross over Isolation
MAFL-011052 MA-COM-MAFL-011052 Datasheet
701Kb / 4P
   Excellent Cross over Isolation
MAFL-011048 MA-COM-MAFL-011048 Datasheet
626Kb / 4P
   Excellent Cross over Isolation
MAFL-011049 MA-COM-MAFL-011049 Datasheet
171Kb / 5P
   Excellent Cross over Isolation
MAFL-011059 MA-COM-MAFL-011059 Datasheet
1Mb / 6P
   Excellent Cross over Isolation
MAFL-011051 MA-COM-MAFL-011051 Datasheet
212Kb / 5P
   Excellent Cross over Isolation
MAFL-011047 MA-COM-MAFL-011047 Datasheet
216Kb / 5P
   Excellent Cross over Isolation
MAFL-011053 MA-COM-MAFL-011053 Datasheet
147Kb / 5P
   Excellent Cross over Isolation
logo
American Electronic Com...
SRA2 AEC-SRA2 Datasheet
158Kb / 2P
   Zero cross-over
logo
HOKURIKU ELECTRIC INDUS...
E401202 HOKURIKU-E401202 Datasheet
55Kb / 1P
   Cross-Over Jumer-Lines
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com