Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WAU090-1200-G Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # WAU090-1200-G
Description  Primary Rating:120V 60Hz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

WAU090-1200-G Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  WAU090-1200-G Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wall Plug - Ins
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 14, 2016
WAU090-1200-G
Electrical Specifications (@25C)
1. Primary Rating: 120V 60Hz
2. Primary Excitation Current: <4mA
3. Secondary Rating: 9VAC ± 5%, 1200mA AC
4. Secondary No-Load Rating: <11.6VAC Ref.
5. No Load Power (stand by): <0.21W
6. Average Efficiency: 82.38%
7. Operating Temperature Range: -10 Deg C to +40 Deg C
8. Temperature Rise: 30 Deg C Max at rated load
Mechanical Parameters:
Case Type: Thermoplastic molded enclosure.
Output Cord: 22 AWG, 6 Ft. Long Min.
Mating Connector: MOLEX 43640-0300 or equivalent
Warranty: 10 Years
Agency File:
UL/CUL: File E341931, UL 1310
A. Dimensions:
B. Schematic:
DOE/CEC Compliance: This power supply meets the minimum efficiency
levels for direct operation as defined by DOE Docket Number
EERE-2008-BT-STD-0005-0219.
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.
H
W
D
79.6
59.7
48.1
*Units: In Millimeter


Similar Part No. - WAU090-1200-G

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WAU090-1200-S TRIAD-WAU090-1200-S Datasheet
143Kb / 1P
   Primary Rating:120V 60Hz
More results

Similar Description - WAU090-1200-G

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WAU060-2000-G TRIAD-WAU060-2000-G Datasheet
145Kb / 1P
   Primary Rating:120V 60Hz
WAU060-2000-S TRIAD-WAU060-2000-S Datasheet
143Kb / 1P
   Primary Rating:120V 60Hz
WAU200-600T TRIAD-WAU200-600T Datasheet
140Kb / 1P
   Primary Rating:120V 60Hz
WAU160-750-G TRIAD-WAU160-750-G Datasheet
142Kb / 1P
   Primary Rating:120V 60Hz
WAU240-500-G TRIAD-WAU240-500-G Datasheet
142Kb / 1P
   Primary Rating:120V 60Hz
WAU240-500-S TRIAD-WAU240-500-S Datasheet
141Kb / 1P
   Primary Rating:120V 60Hz
WAU200-600-S TRIAD-WAU200-600-S Datasheet
141Kb / 1P
   Primary Rating:120V 60Hz
WAU160-750T-G TRIAD-WAU160-750T-G Datasheet
142Kb / 1P
   Primary Rating:120V 60Hz
WAU090-1200-S TRIAD-WAU090-1200-S Datasheet
143Kb / 1P
   Primary Rating:120V 60Hz
WAU090-1200T TRIAD-WAU090-1200T Datasheet
148Kb / 1P
   Primary Rating:120V 60Hz
WAU090-1200T-G TRIAD-WAU090-1200T-G Datasheet
143Kb / 1P
   Primary Rating:120V 60Hz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com