Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4831 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4831
Description  Multimedia Computer Audio Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4831 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4831 Datasheet HTML 1Page - National Semiconductor (TI) LM4831 Datasheet HTML 2Page - National Semiconductor (TI) LM4831 Datasheet HTML 3Page - National Semiconductor (TI) LM4831 Datasheet HTML 4Page - National Semiconductor (TI) LM4831 Datasheet HTML 5Page - National Semiconductor (TI) LM4831 Datasheet HTML 6Page - National Semiconductor (TI) LM4831 Datasheet HTML 7Page - National Semiconductor (TI) LM4831 Datasheet HTML 8Page - National Semiconductor (TI) LM4831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to 150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2500V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting and their Effects on
Product Reliability” for other methods of soldering
surface mount devices.
Thermal Resistance
θ
JC (typ)
15˚C/W
θ
JA (typ)
62˚C/W
Operating Ratings
Temperature Range
−40˚C to 85˚C
Supply Voltage
2.7
≤ V
DD ≤ 5.5V
Electrical Characteristics
(Notes 1, 2) The following specifications apply for V
DD = 5V, RL =8Ω andf=1 kHz, unless otherwise specified. Distortion
measurements represent the full audio chain from Input A of each channel to their respective output. Limits apply for
T
A = 25˚C.
Symbol
Parameter
Conditions
LM4831
Units
(Limits)
Typical
(Note
6)
Limit
(Note
7)
General Characteristics For Entire IC
V
DD
Supply Voltage
2.7
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply
Current
Bridged Mode, I
O = 0 mA
16
50
mA (max)
Single-Ended Mode, I
O = 0 mA
10.5
mA
Docking Station Mode, I
O =0mA
7
mA
I
SD
Shutdown Current
V
PIN-43 = 5V, V PIN-41 =VPIN-42 = 0V
2
50
µA (max)
V
DD/2
Half Supply Bypass Voltage
V
IN = 0V, VPin-43 = 0V
2.45
2.4
V (min)
2.6
V (max)
Power Amplifiers
P
O
Output Power - Bridged
Mode
R
L =8Ω,THD = 1%
1.1
1
W (min)
R
L =4Ω,THD=1%
1.5
W
Output Power -
Single-Ended Mode
R
L =8Ω,THD=1%
300
mW
R
L =4Ω,THD=1%
550
mW
THD
Total Harmonic Distortion
Bridged Mode, P
O = 1W, RL =8Ω
0.5
2.0
% (Max)
Single-Ended Mode, P
O = 225mW,
R
L =8Ω
0.15
%
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (Max)
E
Noise
Input Referred Noise
A-Weighted Filter, V
IN = 0V,
R
L =8Ω
Bridged Output
45
100
µV (max)
Single-Ended Output
35
100
µV (max)
PSRR
Power Supply Rejection
Ratio
f = 1kHz, C
B = 0.5µF, RL =8Ω
Bridged Output
47
dB
Single-Ended Output
45
dB
X
TALK
Channel to Channel
Crosstalk
f = 1kHz, P
O = 1W, RL =8Ω
Right to Left
−82
dB
Left to Right
−73
dB
I
TS
TRI-STATE® Current-Single
Ended Mode
V
PIN-41 = 4.0V, L_PA+OUT =
R_PA+OUT = V
DD or GND
80
100
µA (max)
www.national.com
2


Similar Part No. - LM4831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310 TI-LM48310 Datasheet
1,013Kb / 22P
[Old version datasheet]   LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
[Old version datasheet]   LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310SD/NOPB TI1-LM48310SD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
More results

Similar Description - LM4831

ManufacturerPart #DatasheetDescription
logo
EDA Technology Co.,LTD
CM4-MEDIA EDATEC-CM4-MEDIA Datasheet
1Mb / 20P
   A SMALL MULTIMEDIA DESKTOP COMPUTER
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
logo
YAMAHA CORPORATION
YMZ263B YAMAHA-YMZ263B Datasheet
932Kb / 18P
   MULTIMEDIA AUDIO GAME INTERFACE CONTROLLER
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Integrated Circuit Syst...
ICS9120-11 ICST-ICS9120-11 Datasheet
79Kb / 5P
   Frequency Generator for Multimedia Audio Synthesis
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
   Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Integrated Circuit Syst...
ICS9120-08 ICST-ICS9120-08 Datasheet
106Kb / 7P
   Frequency Generator for Multimedia Audio Synthesis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com