Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

312147-1 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 312147-1
Description  Read these and all referenced instructions thoroughly before using the head.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

312147-1 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  312147-1 Datasheet HTML 1Page - TE Connectivity Ltd 312147-1 Datasheet HTML 2Page - TE Connectivity Ltd 312147-1 Datasheet HTML 3Page - TE Connectivity Ltd 312147-1 Datasheet HTML 4Page - TE Connectivity Ltd 312147-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 6930
5
of 5
Rev F
88.9 mm [3.50 in.]
25.4 mm
[1.00 in.]
28.58 mm
[1.125 in.]
A
A
Weight:
85g[3oz]
5
Section A--A
3
4
6
7
8
2
11
1
9
10
14
15
12
13
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER HEAD
1
312150--1
HEAD, Finished
1
2
312138--3
HOUSING, Insert
1
3
6--22278--5
SPRING, Compression
1
4
312147--1
PAWL, Locating
1
5
4--22430--8
SCREW, Machine (4--40¢.875 in. L)
4
6
21041--7
PIN, Spiral Spring
1
7
312192--1
PAWL, Feed
1
8
312154--1
INSERTER, Wire
1
9
22488--5
SPRING, Compression
1
10
312149--1
ADJUSTER, Rod Insertion
1
11
312148--1
ROD, Inserter
1
12
3--21028--2
PIN, Slotted Spring
1
13
312153--1
CAM, Traverse Slide
1
14
1--23147--2
SPRING, Compression
1
15
312151--1
SLIDE, Feed
1
Figure 6


Similar Part No. - 312147-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
312147-1 MACOM-312147-1 Datasheet
172Kb / 5P
   Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
More results

Similar Description - 312147-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-9450 MACOM-408-9450 Datasheet
255Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
408-6794 MACOM-408-6794 Datasheet
270Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-8678 TEC-408-8678 Datasheet
333Kb / 6P
   Read these instructions thoroughly before using the tool assembly.
408-10155 TEC-408-10155 Datasheet
349Kb / 4P
   Read these instructions thoroughly before using the seating tool kit.
logo
Tyco Electronics
408-4354 MACOM-408-4354 Datasheet
244Kb / 5P
   Read these instructions thoroughly before crimping any contacts
408-9242 MACOM-408-9242 Datasheet
216Kb / 4P
   Read these and all referenced materials before using the die assemblies.
408-8535 MACOM-408-8535 Datasheet
99Kb / 2P
   Read these instructions thoroughly before operating the shut-height gage.
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com