Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3761MB-AFNG3 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U3761MB-AFNG3
Description  Low Voltage Standard Telephone Circuit with 13 Memories
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3761MB-AFNG3 Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U3761MB-AFNG3 Datasheet HTML 3Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 4Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 5Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 6Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 7Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 8Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 9Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 10Page - TEMIC Semiconductors U3761MB-AFNG3 Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
U3761MB
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 23-Apr-97
7 (23)
Function
Configuration
Symbol
SSO44
SDIP40
23
25
PRIVACY
PRIVACY
0.6V
VI
PD
6V
6V
40K
Input for handset mute
24
26
ST
ST
PD
16V
The output of the sidetone
cancellation signal, which requires
a balanced impedance of 8 to
10 times the subscribers line
impedance to be connected to
Pin VL.
25
27
THA
THA
VRIAC
1V
PD
6V
6V
12K
20K
140K
Ringer threshold adjustment
26
28
AGC
RDC
AGC
VL
PD
PD
The range of transmit and receive
gain variations between short and
long loops may be adjusted by
connecting a resistor RAGC from
this pin to (GND). This pin can be
left open to set AGC out of action.
27
29
VRIAC
VRIAC
PD
50V
70K
10K
Ringing supply
28
30
VRING
OUT
VRING
PD
PD
30V
50V
200
6.5K
DC supply voltage for the tone
ringer is limited to 30 V with
integrated Z-diode.
29
31
RCK
3.4V
0.8V
RCK
PD
6V
6V
RC clock oscillator for ringer


Similar Part No. - U3761MB-AFNG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3761MB-T ATMEL-U3761MB-T Datasheet
342Kb / 27P
   Universal Telephone IC - All Functions Integrated
U3761MB-TFN ATMEL-U3761MB-TFN Datasheet
342Kb / 27P
   Universal Telephone IC - All Functions Integrated
U3761MB-TFNG3 ATMEL-U3761MB-TFNG3 Datasheet
342Kb / 27P
   Universal Telephone IC - All Functions Integrated
More results

Similar Description - U3761MB-AFNG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3760MB TEMIC-U3760MB Datasheet
317Kb / 19P
   Low-Voltage Standard Telephone Circuit
logo
ams AG
AS2578 AMSCO-AS2578 Datasheet
280Kb / 22P
   TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN_15 Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com