Electronic Components Datasheet Search |
|
MADC-011010-TR0500 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MADC-011010-TR0500 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 18 page Down Converter 37 - 40 GHz Rev. V2 MADC-011010 1 1 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 LO 1 24 N/C GND GND GND GND VG3 GND GND N/C GND N/C Q I* Q* I VD3 2 3 4 5 6 7 8 9 10 11 12 23 22 21 20 19 17 16 15 14 13 18 X4 RF VG4 VD2 VG2 VD1 VG1 GND Ordering Information1,2 ^ Restrictions on Hazardous Substances, European Union Directive 2011/65/EU. 1. Reference Application Note M513 for reel size information. 2. All sample boards include 3 loose parts. Functional Schematic Pin Configuration3 3. MACOM recommends connecting all N/C (no connection) package pins to ground. 4. The exposed pad centered on the package bottom must be connected to RF, DC and thermal ground. MADC-011010-TR0500 500 Piece Reel MADC-011010-001SMB Sample Evaluation board Features Integrates Image Reject (Balanced) Mixer, LO Buffer, LO Quadrupler and RF Buffer 13 dB Conversion Gain 3.8 dB Noise Figure 2 dBm Input Third Order Intercept (IIP3) 30 dBm Average Two-Tones Input Second Order Intercept (IIP2) 25 dBm Input Second Order Intercept (IIP2 IF/2) 25 dBc Image Rejection 12 dB RF and 15 dB LO Return Loss Lead-Free 4 mm, 24 Lead QFN Package RoHS^ Compliant Description The MADC-011010 is an integrated LSB/USB receiver that has a noise figure of 3.8 dB and a typical conversion gain of 13 dB. The device integrates a four stage LNA followed by an image rejection mixer, and includes an integrated LO quadrupler and buffer amplifier within a 4 mm QFN package. The I/Q and complementary I*/Q* mixer outputs are provided, and two external 180° hybrids and one external 90° hybrid are required to complete the image rejection function. The MADC-011010 is ideally suited for 38 GHz band point to point radios. Each device is 100% RF tested to ensure performance compliance. Pin No. Function Pin No. Function 1 N/C 13 VG1 2 Q 14 VD1 3 Q* 15 VG2 4 I 16 VD2 5 I* 17 VG4 6 N/C 18 VD3 7 GND 19 GND 8 N/C 20 VG3 9 GND 21 GND 10 GND 22 GND 11 RF 23 LO 12 GND 24 GND 25 Paddle4 |
Similar Part No. - MADC-011010-TR0500 |
|
Similar Description - MADC-011010-TR0500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |