Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125721-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 125721-1
Description  Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

125721-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  125721-1 Datasheet HTML 1Page - TE Connectivity Ltd 125721-1 Datasheet HTML 2Page - TE Connectivity Ltd 125721-1 Datasheet HTML 3Page - TE Connectivity Ltd 125721-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408- 7563
Rev B
2
of 4
4. PREPARATION AND CRIMPING
Install a reel of terminals on the machine and align a
terminal with the dies. Refer to customer manual
409--1993.
Crimp only terminals specified for the dies you
are using.
Refer to Figure 1 to verify the correct wire size and
insulation diameter for the product you intend to
crimp.
4.1. Insulation Crimp Adjustment
1. With the machine power supply disconnected
and the front guard removed, raise the tape
release lever and turn the insulation crimp
adjustment knob to position No. 4 (loose). Then
lower the tape release lever.
2. Insert an unstripped wire into the terminal, and
hand cycle the machine one full crimp cycle.
3. Remove the crimped terminal from the machine.
Bend the wire 90_ to both sides. If the wire pulls
out of the terminal, raise the release lever, turn the
adjustment to next lower number, and lower the
release lever. Then repeat steps 2 and 3 until the
crimp is properly adjusted.
The insulation crimp should hold the wire
insulation firmly without cutting into it.
4.2. Crimping Procedures
Strip the wires to the dimension shown in Figure 1,
being careful not to cut or nick the conductor strands.
Then, proceed as follows:
1. Insert the stripped end of a wire into the aligned
terminal until the wire insulation begins to wedge
against the terminal insulation barrel, or until it is
against the end of the terminal wire barrel.
2. Hold the wire in place and actuate the machine
through a complete cycle.
Be sure to allow the crimping dies to open fully
before removing the crimped terminal.
4.3. Crimp Inspection (Figure 2)
Visually inspect completed crimps, noting the
following:
— Ends of wire strands must be flush to, or extend
beyond, the front of the wire barrel. However, ends
may not extend far enough to interfere with
insertion of the mating tab.
— Wire insulation must be inside the insulation
barrel with no conductor showing.
Figure 2
Wire Insulation Must
be Inside the
Insulation Barrel
Bellmouth
Must be
Present at
Wire Barrel
Terminal May Not be
Bent or Twisted
Wire Ends Must
be Flush to or
Beyond End of
Wire Barrel
— A slight bellmouth must be present in the
terminal plastic insulation at the front of the wire
barrel.
— Terminal may not be bent or twisted in a way
that damages the termination or makes mating
difficult.
For more information on product crimp
specifications, refer to application specification
114--1002.
5. MAINTENANCE AND INSPECTION
5.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean, soft brush, or a clean, soft, lint--free
cloth. Do NOT use any objects that could damage
the dies or tool.
2. Make sure all die hardware and parts are
properly secured.
3. Coat all surfaces with a thin coat of any good
SAE 20 motor oil. Do not oil excessively.
4. When the dies are not in use, store them in a
clean, dry area.
5.2. Periodic Inspection
Regularly scheduled inspections should be conducted
and recorded by quality control personnel. It is
recommended that the inspection procedures that
follow be performed once a month; more often if your
work environment, company standards, or amount of
tool use indicates the need.
CAUTION
NOTE
NOTE
NOTE


Similar Part No. - 125721-1

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
125721 ADELS-125721 Datasheet
112Kb / 1P
   1000 K/ 1 DS HT
125721M ADELS-125721M Datasheet
112Kb / 1P
   1000 K/ 1 MDS HT
More results

Similar Description - 125721-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9911 TEC-408-9911 Datasheet
86Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-8394 MACOM-408-8394 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-10055 MACOM-408-10055 Datasheet
113Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-9414 MACOM-408-9414 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-10050 TEC-408-10050 Datasheet
341Kb / 8P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
logo
Tyco Electronics
408-9757 MACOM-408-9757 Datasheet
149Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-8590 MACOM-408-8590 Datasheet
218Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-8589 MACOM-408-8589 Datasheet
237Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
408-9809 MACOM-408-9809 Datasheet
122Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 4, REVISION SUMMARY.
408-9745 MACOM-408-9745 Datasheet
101Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 5, REVISION SUMMARY.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com