Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-042308 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-042308
Description  Rugged Silicon-Glass Construction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-042308 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-042308 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-042308 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-042308 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-042308 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-042308 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SURMOUNTTM 8 µM PIN Diodes
RoHS Compliant
Rev. V3
MADP-042xx8-1306x Series
3
3
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0007038
3
Typical Performance @ TA = +25°C
Ct @ 10V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042408
042508
042308
042908
Ct @ 1GHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
5
10
15
20
25
30
35
40
Bias (V)
042408
042508
042308
042908
Ct @ 40V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042408
042508
042308
042908
Rs @ 1GHz
0.100
1.000
10.000
0.001
0.010
0.100
Bias (A)
042408
042508
042308
042908
Rs @ 10mA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042908
042308
042508
042408
Rs @ 20mA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Freq (GHz)
042908
042308
042508
042408


Similar Part No. - MADP-042308

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042308-13060 MA-COM-MADP-042308-13060 Datasheet
154Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042308-13060G MA-COM-MADP-042308-13060G Datasheet
154Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042308-13060G MA-COM-MADP-042308-13060G Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
MADP-042308-13060P MA-COM-MADP-042308-13060P Datasheet
154Kb / 4P
   SURMOUNTTM 8關M PIN Diodes
MADP-042308-13060P MA-COM-MADP-042308-13060P Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
More results

Similar Description - MADP-042308

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042XX8-13060 MA-COM-MADP-042XX8-13060_15 Datasheet
669Kb / 5P
   Rugged Silicon-Glass Construction
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
   Rugged case construction
Rev: L
logo
List of Unclassifed Man...
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
   Durable, rugged construction
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
   Rugged construction SMD TCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com