Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-030015-1314 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-030015-1314
Description  Polymer Scratch Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-030015-1314 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADP-030015-1314 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-030015-1314 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-030015-1314 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-030015-1314 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-030015-1314 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SURMOUNT™ 15 μM PIN Diodes
RoHS Compliant
Rev. V7
MADP-017015-1314
MADP-030015-1314
3
3
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0007035
3
Absolute Maximum Ratings8 @ TA = +25°C (unless otherwise specified)
8. Exceeding these limits may cause in permanent damage.
Parameter
Absolute Maximum
Forward Current
500 mA
Reverse Voltage
-115 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-55 °C to +150°C
Junction Temperature
+175°C
C.W. Incident Power
50 dBm
Mounting Temperature
+280°C for 30 seconds
Handling Procedures
All semiconductor chips should be handled with care to avoid damage or contamination from perspiration and skin
oils. The use of plastic tipped tweezers or vacuum pickups is strongly recommended for individual components.
Bulk handling should insure that abrasion and mechanical shock are minimized.
Bonding Techniques
Attachment to a circuit board is made simple through the use of surface mount technology. Mounting pads are
conveniently located on the bottom surface of these devices and are removed from the active junction locations.
These devices are well suited for solder attachment onto hard and soft substrates. The use of 80Au/20Sn, or
RoHS compliant solders is recommended. For applications where the average power is ~1W, conductive silver
epoxy may also be used. Cure per manufacturers recommended time and temperature. Typically 1 hour at 150°C.
When soldering these devices to a hard substrate, hot gas die bonding is preferred. A vacuum tip pick-up tool and
a force of 60 to100 grams applied to the top surface of the device is recommended. When soldering to soft
substrates, such as Duroid, it is recommended to use a soft solder at the circuit board to mounting pad interface.
Position the die so that its mounting pads are aligned with the circuit board mounting pads. While applying a
downward force perpendicular to the top surface of the die, apply heat near the circuit trace and diode mounting
pad. The solder connection to the two pads should not be made one at a time as this will create unequal heat flow
and thermal stress to the part. Solder reflow should not be performed by causing heat to flow through the top
surface of the die to the back. Since the HMIC glass is transparent, the edges of the mounting pads can be
visually inspected through the die after attachment is completed.
Typical re-flow profiles for Sn60/Pb40 and RoHS compliant solders is provided in Application Note M538,
“Surface Mounting Instructions“ and can viewed on the MACOM website @ www.macom.com


Similar Part No. - MADP-030015-1314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MADP-030015-1314 MA-COM-MADP-030015-1314 Datasheet
739Kb / 5P
   15關m I-Region Length Devices
MADP-030015-13140G MA-COM-MADP-030015-13140G Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
MADP-030015-13140P MA-COM-MADP-030015-13140P Datasheet
158Kb / 4P
   SURMOUNT??15關M PIN Diodes RoHS Compliant
More results

Similar Description - MADP-030015-1314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-042XX5 MA-COM-MADP-042XX5 Datasheet
707Kb / 5P
   Polymer Scratch Protection
logo
A-Data Technology
HV620 A-DATA-HV620 Datasheet
374Kb / 2P
   Scratch-Prevention Design
logo
Unisonic Technologies
UB24205 UTC-UB24205_17 Datasheet
191Kb / 10P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205 Datasheet
171Kb / 10P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB242 UTC-UB242_17 Datasheet
260Kb / 13P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q02 KEXIN-KP00Q02 Datasheet
658Kb / 8P
   Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
Guangdong Kexin Industr...
KP00Q01 KEXIN-KP00Q01 Datasheet
511Kb / 8P
   Lithium-ion/Polymer Battery Protection IC
logo
Unisonic Technologies
UB242 UTC-UB242_15 Datasheet
230Kb / 13P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB24205 UTC-UB24205_15 Datasheet
171Kb / 10P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com