Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-000907-14020P Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-000907-14020P
Description  Solderable AlGaAs Flip Chip PIN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-000907-14020P Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADP-000907-14020P Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020P Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020P Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020P Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-000907-14020P Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Solderable AlGaAs Flip Chip PIN
Rev. V7
MADP-000907-14020x
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0004063
2
3. The max rated VR(-45V) is sourced and the resultant reverse leakage current, Ir, is measured to be <50nA
4. Switching speed is measured between 10% and 90% or 90% to 10% RF voltage for a single series mounted diode. Driver delay is not
included.
Electrical Specifications: TA = +25°C
Parameter
Absolute Maximum
Reverse Voltage
45V
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Junction Temperature
+175°C
Dissipated Power (RF + DC)
100mW
C.W. Incident Power
+23 dBm
Mounting Temperature
+280°C for 10 seconds
Absolute Maximum Ratings: TA = 25°C
Symbol
Parameter
Conditions
Units
Min
Typ
Max
CT
Total Capacitance
-10 V, 1 MHz
pF
0.025
0.030
RS
Series Resistance
10 mA, 1 GHz
Ω
5.2
7.0
VF
Forward Voltage
10 mA
V
1.33
1.45
IR
Reverse Leakage Current3
VR = -45 V
nA
50
TRISE /
TFALL
Switching Speed4
10 GHz
ns
2


Similar Part No. - MADP-000907-14020P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000907-14020P MA-COM-MADP-000907-14020P Datasheet
685Kb / 6P
   Solderable AlGaAs Flip Chip PIN
More results

Similar Description - MADP-000907-14020P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-000907-14020 MA-COM-MADP-000907-14020 Datasheet
291Kb / 5P
   Solderable AlGaAs Flip Chip PIN
MADP-000907-14020 MA-COM-MADP-000907-14020_15 Datasheet
685Kb / 6P
   Solderable AlGaAs Flip Chip PIN
MA4AGP907 MA-COM-MA4AGP907 Datasheet
131Kb / 6P
   AlGaAs Flip Chip PIN Diodes
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
   AlGaAs Flip-Chip PIN Diode
logo
M/A-COM Technology Solu...
MA4AGP907 MA-COM-MA4AGP907_2 Datasheet
128Kb / 6P
   AlGaAs Flip Chip PIN Diodes
MA4AGSBP907 MA-COM-MA4AGSBP907 Datasheet
178Kb / 5P
   AlGaAs Solder Bump Flip-Chip PIN Diode
logo
Tyco Electronics
MA4AGSBP907 MACOM-MA4AGSBP907 Datasheet
161Kb / 5P
   AlGaAs Solder Bump Flip-Chip PIN Diode
MA4AGFCP910 MACOM-MA4AGFCP910 Datasheet
216Kb / 6P
   AlGaAs Flip-Chip PIN Diode 100MHz to 50GHz
logo
M/A-COM Technology Solu...
MADS-001317-1500 MA-COM-MADS-001317-1500 Datasheet
254Kb / 5P
   Solderable GaAs Flip Chip Schottky Diode
MAVR-000120-1411 MA-COM-MAVR-000120-1411 Datasheet
197Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com