Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-01063X-1392T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-01063X-1392T
Description  Surface Mount Plastic PIN Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-01063X-1392T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADP-01063X-1392T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-01063X-1392T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-01063X-1392T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-01063X-1392T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-01063X-1392T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-01063X-1392T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Surface Mount Plastic PIN Diodes
Rev. V5
MADP-010630-13920T
MADP-010631-13920T
MADP-010633-13920T
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
1
Features
 Surface Mount Packages
 Low Loss, High Isolation Switching Diodes
 Tape and Reel Packaging
 RoHS* Compliant and 260°C Reflow Compatible
Description
The
MADP-010630,
MADP-010631
and
the
MADP-010633 are silicon PIN diodes in a low cost,
surface mount plastic package for use as a switch or
attenuator. These diodes are offered with 100%
matte Sn plating and are RoHS compliant devices.
These PIN diodes feature optimized I-region lengths
which results in a low resistance, low capacitance
device
for
various
microwave
control
circuit
applications.
Package Style 1392
Cathode
Ordering Information
Part Number
Package
MADP-010630-13920T
tape and reel
MADP-010631-13920T
tape and reel
MADP-010633-13920T
tape and reel
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications @ TAMBIENT = 25°C
1. The reverse current will not exceed 10 µA at the reverse voltage rating.
2. Total capacitance is measured at 1 MHz at the indicated voltage.
3. Series resistance is measured at 100 MHz.
4. Nominal minority carrier lifetime is measured at IF = 10 mA, IR = 6 mA, 90% recovery.
5. Incident power measured at IF = 50 mA, F = 1GHz
6. Device located on an infinite heatsink
Part Number
Maximum5
Incident
Power
(W)
Reverse
Voltage1
(V)
Maximum
Total
Capacitance2
(pF)
Nominal Characteristics
Maximum
RS
3
(Ohms)
Carrier
Lifetime4
(µs)
I-Region
Thickness
(µm)
Thermal6
Resistance
θ
MADP-010630
25
100
0.35 @ 20 V
1.5 @ 10 mA
0.2
10
82°C/W
MADP-010631
40
100
1.00 @ 20 V
0.5 @ 10 mA
0.2
10
32°C/W
MADP-010633
100
500
0.4 @ 50 V
0.6 @ 100 mA
1.0
50
25°C/W


Similar Part No. - MADP-01063X-1392T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
More results

Similar Description - MADP-01063X-1392T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com