Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6049B-FP Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U6049B-FP
Description  Radiator Fan Controlled Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6049B-FP Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U6049B-FP Datasheet HTML 1Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 2Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 3Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 4Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 5Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 6Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 7Page - TEMIC Semiconductors U6049B-FP Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
U6049B
TELEFUNKEN Semiconductors
Rev. A3, 04-Feb-97
5 (8)
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Operating voltage, static, 5 min
VBatt
24
V
Ambient temperature range
Tamb
–40 to +125
°C
Storage temperature range
Tstg
55 to +125
°C
Junction temperature
Tj
150
°C
Thermal Resistance
Parameters
Symbol
Maximum
Unit
Junction ambient
DIP8
SO8
RthJA
RthJA
110
160
K/W
K/W
Electrical Characteristics
VBatt =13.5 V, Tamb = 25°C, reference point ground, figure 2, unless otherwise specified
Parameters
Test Conditions / Pin
Symbol
Min
Typ
Max
Unit
Operating voltage
R1
w 510 W
t < 5 min
t < 60 min
VBatt
6
16
24
18
V
5 V supply
Without R1, C1
figure 2b
Pins 7 and 8
V8, V7
4.3
6.0
V
Stabilized voltage
Pin 7
V7
5.0
5.2
5.4
V
Undervoltage threshold
Power-on reset
VS
3.0
4.2
V
Supply current
Push buttons open
Pin 8
IS
1.3
2.0
mA
Internal Z-diode
I8 = 10 mA
Pin 8
VZ
13.5
14
16
V
Relay output
Pin 2
Saturation voltage
I2 = 200 mA
I2 = 300 mA
V2
1.2
1.5
V
Leakage current
V2 = 14 V
Ilkg
2
100
mA
Output current
I2
300
mA
Output pulse current
Load dump pulse
I2
1.5
A
Internal Z-diode
I2 = 10 mA
V2
20
22
24
V
Oscillator input
f = 0.001 to 40 kHz, see table 1
Pin 6
Internal discharge resistance
R6
1.6
2.0
2.4
k
W
Switching voltage
Lower
Upper
V6L
V6H
0.9
2.8
1.1
3.1
1.4
3.5
V
Input current
V6 = 0 V
–I6
1
mA
Switching times
Debounce time
t3
5
7
cycles
Delay time
td
72704
74752
cycles
Inputs
Pin 3, 4, 5
Switching threshold
V3,4,5
1.6
2.0
2.4
V
Internal Z-diode
I3, 4, 5 = 10 mA
V3,4,5
6.5
7.1
8.0
V
Ignition input
Pin 3
Pull-down resistance
Switched to VBatt ( 15)
R3
13
20
50
k
W
Thermal switch
Pin 4
Input current
V4 = 0 V
– I4
2
mA
Programming input
Pin 5
Input current
V5 = 0 V
– I5
2
mA


Similar Part No. - U6049B-FP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
U6043B ATMEL-U6043B Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U6043B-FP ATMEL-U6043B-FP Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
U6043B-MFPG3Y ATMEL-U6043B-MFPG3Y Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U6043B-MFPY ATMEL-U6043B-MFPY Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
More results

Similar Description - U6049B-FP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6044B TEMIC-U6044B Datasheet
109Kb / 7P
   Radiator fan controlled timer
logo
LSI Computer Systems
LS7217 LSI-LS7217_14 Datasheet
262Kb / 6P
   PHOTO CONTROLLED OUTDOOR LIGHTING WITH PROGRAMMABLE TIMER
logo
Hirose Electric
AT-1000 HIROSE-AT-1000 Datasheet
48Kb / 2P
   High Power Fixed Attenuators (Radiator built-in)
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com