Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6083B Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U6083B
Description  PWM Power Control with Interference Suppression
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6083B Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U6083B Datasheet HTML 1Page - TEMIC Semiconductors U6083B Datasheet HTML 2Page - TEMIC Semiconductors U6083B Datasheet HTML 3Page - TEMIC Semiconductors U6083B Datasheet HTML 4Page - TEMIC Semiconductors U6083B Datasheet HTML 5Page - TEMIC Semiconductors U6083B Datasheet HTML 6Page - TEMIC Semiconductors U6083B Datasheet HTML 7Page - TEMIC Semiconductors U6083B Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
U6083B
TELEFUNKEN Semiconductors
Rev. A1, 14-Feb-97
1 (8)
PWM Power Control with Interference Suppression
Description
The U6083B is a PWM IC in bipolar technology for the
control of an N-channel power MOSFET used as a high
side switch. The IC is ideal for use in the brightness con-
trol (dimming) of lamps e.g., in dashboard applications.
Features
D Pulse-width modulation up to 2 kHz clock frequency
D Protection against short circuit, load dump
over–voltage and reverse VS
D Duty cycle 18 to 100% continuously
D Internally reduced pulse slope of lamp’s voltage
D Interference and damage protection according to
VDE 0839 and ISO/TR 7637/1.
D Charge pump noise suppressed
D Ground wire breakage protection
Ordering Information
Extended Type Number
Package
Remarks
U6083B
DIP8
Block Diagram
Current monitoring
+ short circuit detection
Output
Charge
pump
RC oscillator
Duty cycle
range
18 ... 100%
Duty cycle
reduction
Control input
Voltage
monitoring
Slew rate
control
5
1
4
3
VS
C5
PWM
Logic
6
7
8
47 k
W
47 nF
Rsh
2
R3
95 9753
VBatt
150
W
C3
C2
C1
GND
Ground
Figure 1. Block diagram with external circuit


Similar Part No. - U6083B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6083B ATMEL-U6083B Datasheet
196Kb / 12P
   PWM Power Control IC with Interference Suppression
U6083B ATMEL-U6083B Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
U6083B-MY ATMEL-U6083B-MY Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
U6083B ATMEL-U6083B_05 Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
More results

Similar Description - U6083B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KKA6083 KODENSHI-KKA6083 Datasheet
117Kb / 7P
   PWM Power Control with Interference Suppression
logo
IK Semicon Co., Ltd
ILA6083 IKSEMICON-ILA6083 Datasheet
105Kb / 7P
   PWM Power Control with Interference Suppression
logo
ATMEL Corporation
U6083B ATMEL-U6083B_05 Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
U6083B ATMEL-U6083B Datasheet
196Kb / 12P
   PWM Power Control IC with Interference Suppression
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com