Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8225AAD-TCT1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8225AAD-TCT1U
Description  BATTERY MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8225AAD-TCT1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8225AAD-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 11Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 12Page - Seiko Instruments Inc S-8225AAD-TCT1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.7_02
S-8225A Series
9
6. SEL1 pin voltage "H" (VSELH1), SEL2 pin voltage "H" (VSELH2), SEL1 pin voltage "L" (VSELL1), SEL2
pin voltage "L" (VSELL2)
(Test circuit 3)
VSELH1 is defined as the voltage V8 when V8 is gradually increased and the DO pin output becomes release status
after setting V1 = V2 = V3 = V5 = 3.5 V, V4 = 0 V, V6 = V7 = VDS (= V1
+ V2 + V3 + V4 + V5), V8 = V9 = 0 V. After
that, VSELL1 is defined as the voltage V8 when V8 is gradually decreased and the DO pin output becomes detection
status.
Moreover, VSELH2 is defined as the voltage V9 when V9 is gradually increased and the DO pin output becomes
release status after setting V1 = V2 = V3 = V4 = 3.5 V, V5 = 0 V, V6 = V7 = VDS (= V1
+ V2 + V3 + V4 + V5), V8 =
V9 = 0 V. After that, VSELL2 is defined as the voltage V9 when V9 is gradually decreased and the DO pin output
becomes detection status.
7. CO pin voltage "H" (VCOH), DO pin voltage "H" (VDOH)
(Test circuit 4)
VCOH is defined as the voltage between the CO pin and the VSS pin when V1 = V2 = V3 = V4 = V5 = 3.4 V.
VDOH is defined as the voltage between the DO pin and the VSS pin when V1 = V2 = V3 = V4 = V5 = 3.4 V.
8. CO pin source current (ICOH), CO pin sink current (ICOL), DO pin source current (IDOH), DO pin sink
current (IDOL)
(Test circuit 7)
ICOH is defined as the CO pin current when V1 = V2 = V3 = V4 = V5 = 3.4 V, V6 = VCOH
− 0.5 V.
ICOL is defined as the CO pin current when V1 = 6.8 V, V2 = 0 V, V3 = V4 = V5 = 3.4 V, V6 = 0.5 V.
IDOH is defined as the DO pin current when V1 = V2 = V3 = V4 = V5 = 3.4 V, V7 = VDOH
− 0.5 V.
IDOL is defined as the DO pin current when V1 = 6.8 V, V2 = 0 V, V3 = V4 = V5 = 3.4 V, V7 = 0.5 V.


Similar Part No. - S-8225AAD-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8225AAD-TCT1U ABLIC-S-8225AAD-TCT1U Datasheet
590Kb / 27P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.2.0_00
More results

Similar Description - S-8225AAD-TCT1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S-8229AAA-M6T1U SII-S-8229AAA-M6T1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S8229 SII-S8229 Datasheet
524Kb / 26P
   BATTERY MONITORING IC
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
   Smart Battery Protection and Monitoring IC
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com