Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8225AAE-TCT1U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-8225AAE-TCT1U
Description  BATTERY MONITORING IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8225AAE-TCT1U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-8225AAE-TCT1U Datasheet HTML 1Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 2Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8225AAE-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.7_02
S-8225A Series
5
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Input voltage between
VDD pin and VSS pin
VDS
VDD
VSS
− 0.3 to VSS + 28
V
Input pin voltage
VIN
VC1, VC2, VC3, VC4, VC5, VC6,
SEL1, SEL2, CTLC, CTLD,
CCT, CDT
VSS
− 0.3 to VDD + 0.3
V
Output pin voltage
VOUT
DO, CO
VSS
− 0.3 to VDD + 0.3
V
Power dissipation
PD
1100*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
Ambient temperature (Ta) [
°C]
1000
600
200
1200
Figure 3 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-8225AAE-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8225AAE-TCT1U ABLIC-S-8225AAE-TCT1U Datasheet
590Kb / 27P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.2.0_00
More results

Similar Description - S-8225AAE-TCT1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8225BAA-TCT1U SII-S-8225BAA-TCT1U Datasheet
1Mb / 24P
   BATTERY MONITORING IC
logo
ABLIC Inc.
S-8229 ABLIC-S-8229 Datasheet
568Kb / 27P
   BATTERY MONITORING IC
Rev.1.2_00
logo
Seiko Instruments Inc
S-8229AAA-M6T1U SII-S-8229AAA-M6T1U Datasheet
1Mb / 26P
   BATTERY MONITORING IC
S8229 SII-S8229 Datasheet
524Kb / 26P
   BATTERY MONITORING IC
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
   Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
   Smart Battery Protection and Monitoring IC
logo
Seiko Instruments Inc
S8259A SII-S8259A Datasheet
847Kb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
S-8259AAA-M6T1U SII-S-8259AAA-M6T1U Datasheet
1Mb / 21P
   BATTERY MONITORING IC FOR 1-CELL PACK
logo
Infineon Technologies A...
TLE9012DQU INFINEON-TLE9012DQU Datasheet
1Mb / 76P
   Li-ion battery monitoring and balancing IC
Rev. 1.0 2022-01-24
logo
ABLIC Inc.
S-8259A ABLIC-S-8259A Datasheet
336Kb / 23P
   BATTERY MONITORING IC FOR 1-CELL PACK
Rev.1.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com