Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8235AAB-TCT1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8235AAB-TCT1U
Description  FOR AUTOMOTIVE BATTERY PROTECTION IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8235AAB-TCT1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8235AAB-TCT1U Datasheet HTML 2Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8235AAB-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
FOR AUTOMOTIVE BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
S-8235A Series
Rev.1.7_00
6
Electrical Characteristics
Table 5
(Ta =
+25°C, VDS = VDD − VSS = V1 + V2 + V3 + V4 + V5, unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Detection Voltage
Overcharge detection
voltage n
(n = 1, 2, 3, 4, 5)
VCUn
VCU
− 0.020
VCU
VCU
+ 0.020
V
Ta =
−5°C ~ +55°C
*1
VCU
− 0.030
VCU
VCU
+ 0.030
V
Overcharge hysteresis
voltage n
(n = 1, 2, 3, 4, 5)
VHCn
−550 mV ≤ VHC ≤ −300 mV
VHC
× 0.8
VHC
VHC
× 1.2
V
−250 mV ≤ VHC ≤ −100 mV
VHC
− 0.050
VHC
VHC
+ 0.050
V
VHC =
−50 mV, 0 mV
VHC
− 0.025
VHC
VHC
+ 0.025
V
Input Voltage
Operation voltage between
VDD pin and NPI pin
VDNOP
6
24
V
CLKI pin voltage "H"
VCLKIH
VDN = 17.5 V
VNPI
+ 0.5
V
CLKI pin voltage "L"
VCLKIL
VDN = 17.5 V
VNPI
+ 0.05
V
RSTI pin voltage "H"
VRSTIH
VDN = 17.5 V
VNPI
+ 0.5
V
RSTI pin voltage "L"
VRSTIL
VDN = 17.5 V
VNPI
+ 0.05
V
CAI pin voltage "H"
VCAIH
VDN = 17.5 V
VDD
− 0.05
V
CAI pin voltage "L"
VCAIL
VDN = 17.5 V
VDD
− 0.5
V
CTL pin voltage "H"
VCTLH
VDN = 17.5 V
VDD
− 0.05
V
CTL pin voltage "L"
VCTLL
VDN = 17.5 V
VDD
− 0.5
V
Input Current
Current consumption
during operation
IOPE
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
5
10
μA
Current consumption
during overdischarge
IOPED
V1 = V2 = V3 = V4 = V5 = 2.3 V
4
8
μA
VCn pin current
(n = 1, 2, 3, 4, 5)
IVCn
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
−1.0
0
1.0
μA
VCn pin pull-down current
(n = 2, 3)
IVCLn
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
0.9
1.0
1.1
mA
Ta =
−40°C ~ +85°C
*1
0.7
1.0
1.3
mA
VCn pin pull-up current
(n = 3, 4, 5)
IVCHn
V1 = V2 = V3 = V4 = V5 = VCU
− 1.0 V
−1.1
−1.0
−0.9
mA
Ta =
−40°C ~ +85°C
*1
−1.3
−1.0
−0.7
mA
CLKI pin current "H"
ICLKIH
3.0
10
20
μA
CLKI pin current "L"
ICLKIL
−1.0
−0.7
−0.4
μA
RSTI pin current "H"
IRSTIH
3.0
10
20
μA
RSTI pin current "L"
IRSTIL
−1.0
−0.7
−0.4
μA
CAI pin current "H"
ICAIH
0.4
0.7
1.0
μA
CAI pin current "L"
ICAIL
−20
−10
−3.0
μA
CTL pin current "H"
ICTLH
0.4
0.7
1.0
μA
CTL pin current "L"
ICTLL
−20
−10
−3.0
μA
Output Current
CO pin source current
ICOH
−20
μA
CO pin sink current
ICOL
400
μA
CAO pin source current
ICAOH
−10
μA
CAO pin sink current
ICAOL
10
μA
RSTO pin source current
IRSTOH
−10
μA
RSTO pin sink current
IRSTOL
10
μA
CLKO pin source current
ICLKOH
−10
μA
CLKO pin sink current
ICLKOL
10
μA
Delay Time
Overcharge detection delay
time
tCU
tCU
× 0.8
tCU
tCU
× 1.2
s
Overcharge timer reset delay
time
tTR
6
12
20
ms
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.


Similar Part No. - S-8235AAB-TCT1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-823 ETC-S-823 Datasheet
7Mb / 18P
   toggle switch
logo
ABLIC Inc.
S-8230A ABLIC-S-8230A Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAD-I6T1U SII-S-8230AAD-I6T1U Datasheet
2Mb / 37P
   BATTERY PROTECTION IC
logo
ABLIC Inc.
S-8230AAD-I6T1U ABLIC-S-8230AAD-I6T1U Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
logo
Seiko Instruments Inc
S-8230AAE-I6T1U SII-S-8230AAE-I6T1U Datasheet
2Mb / 37P
   BATTERY PROTECTION IC
More results

Similar Description - S-8235AAB-TCT1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com