Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8230BAA-I6T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8230BAA-I6T1U
Description  BATTERY PROTECTION IC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8230BAA-I6T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8230BAA-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8230BAA-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
S-8230A/B Series
Rev.2.5_00
8
Electrical Characteristics
1. Ta =
+25°C
Table 9
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage
VCU
VCU
− 0.020
VCU
VCU
+ 0.020 V
1
Ta =
−10°C to +60°C
*1
VCU
− 0.025
VCU
VCU
+ 0.025 V
1
Overcharge release voltage
VCL
VCL
≠ VCU
VCL
− 0.030
VCL
VCL
+ 0.030
V1
VCL = VCU
VCL
− 0.025
VCL
VCL
+ 0.020
V
1
Overdischarge detection voltage
VDL
VDL
− 0.035
VDL
VDL
+ 0.035
V
2
Overdischarge release voltage
VDU
VDL
≠ VDU
VDU
− 0.050
VDU
VDU
+ 0.050 V
2
VDL = VDU
VDU
− 0.035
VDU
VDU
+ 0.035 V
2
Discharge overcurrent detection voltage
VDIOV
VDIOV
− 0.010 VDIOV VDIOV + 0.010 V
2
Load short-circuiting detection voltage
VSHORT
0.40
0.50
0.60
V
2
Charge overcurrent detection voltage
VCIOV
VCIOV
− 0.015 VCIOV VCIOV + 0.015 V
2
0 V Battery Charge Function
0 V battery charge starting charger voltage V0CHA
0 V battery charge function
"available"
0.0
0.7
1.0
V
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charge function
"unavailable"
1.0
1.2
1.4
V
2
Internal Resistance
Resistance between VM pin and VDD pin
RVMD
100
300
900
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
10
20
40
k
Ω
3
CTL pin internal resistance
RCTL
RCTL
× 0.45
RCTL RCTL
× 1.75 MΩ
3
Input Voltage
Operation voltage between VDD pin and
VSS pin
VDSOP1
1.5
6.5
V
Operation voltage between VDD pin and
VM pin
VDSOP2
1.5
28
V
CTL pin voltage "H"
VCTLH
VDD
× 0.9
V
2
CTL pin voltage "L"
VCTLL
VDD
× 0.1
V2
Input Current
Current consumption during operation
IOPE
1.0
2.8
5.5
μA3
Current consumption during power-down
IPDN
0.1
μA3
Current consumption during overdischarge IOPED
4.0
μA3
Current consumption during discharge
inhibition
IOPEC
1.0
2.8
5.5
μA
3
Output Resistance
CO pin resistance "H"
RCOH
5
10
20
k
Ω
4
CO pin resistance "L"
RCOL
5
10
20
k
Ω
4
DO pin resistance "H"
RDOH
5
10
20
k
Ω
4
DO pin resistance "L"
RDOL
5
10
20
k
Ω
4
Delay Time
Overcharge detection delay time
tCU
tCU
× 0.8
tCU
tCU
× 1.2
5
Overdischarge detection delay time
tDL
tDL
× 0.8
tDL
tDL
× 1.2
5
Discharge overcurrent detection delay time tDIOV
tDIOV
× 0.8
tDIOV
tDIOV
× 1.2
5
Load short-circuiting detection delay time
tSHORT
tSHORT
× 0.8 tSHORT tSHORT × 1.2
5
Charge overcurrent detection delay time
tCIOV
tCIOV
× 0.8
tCIOV
tCIOV
× 1.2
5
Discharge inhibition delay time
tCTL
tCTL
× 0.8
tCTL
tCTL
× 1.2
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.


Similar Part No. - S-8230BAA-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8230BAA-I6T1U ABLIC-S-8230BAA-I6T1U Datasheet
593Kb / 37P
   BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
Rev.2.5_01
More results

Similar Description - S-8230BAA-I6T1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com