Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-010574-000100 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-010574-000100
Description  20V to 250V Driver for High Power PIN Diode Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-010574-000100 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MADR-010574-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-010574-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-010574-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-010574-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-010574-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-010574-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-010574-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-010574-000100 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
20V to 250V Driver for High Power PIN Diode Switches
Rev. V1
MADR-010574
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Performance Driving M/A-COM MA4P504-1072T PIN Diode SPDT Switch 13
13. The switch is a series/shunt, series/shunt SPDT switch using
four M/A-COM MA4P504-1072T PIN diodes. Schematic is
on next page. Switching parameters were measured with
500 MHz 20W CW RF signal.


Similar Part No. - MADR-010574-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-010574-000100 MA-COM-MADR-010574-000100 Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
More results

Similar Description - MADR-010574-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-010574 MA-COM-MADR-010574_15 Datasheet
1Mb / 8P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-010574-V1 MA-COM-MADR-010574-V1 Datasheet
473Kb / 7P
   20V to 250V Driver for High Power PIN Diode Switches
MADR-008851-000100 MA-COM-MADR-008851-000100_15 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
109Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
MADR-008851-000100 MA-COM-MADR-008851-000100 Datasheet
224Kb / 6P
   PIN Diode Driver for Series / Shunt High Power Switches
logo
Tyco Electronics
MADRMA0002 MACOM-MADRMA0002 Datasheet
422Kb / 5P
   Quad Bias Driver for GaAs FET and PIN Diode Switches
logo
M/A-COM Technology Solu...
MADR-008888-000100 MA-COM-MADR-008888-000100 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100_V5 MA-COM-MADR-008888-000100_V5 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100 MA-COM-MADR-008888-000100 Datasheet
142Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
MADR-008888-000100 MA-COM-MADR-008888-000100_15 Datasheet
139Kb / 5P
   PIN Diode Driver for Series / Series High Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com