Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPD-011032 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-011032
Description  RoHS Compliant and Lead free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-011032 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAPD-011032 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-011032 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-011032 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPD-011032 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPD-011032 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPD-011032 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2 Way 0º Power Divider, Surge Compliant
5 - 1250 MHz
MAPD-011032
4
44
Rev. V1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0dBm


Similar Part No. - MAPD-011032

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011035 MA-COM-MAPD-011035 Datasheet
902Kb / 7P
   Surface mount
MAPD-011035-TB MA-COM-MAPD-011035-TB Datasheet
902Kb / 7P
   Surface mount
MAPD-011039 MA-COM-MAPD-011039 Datasheet
807Kb / 7P
   Available on tape and reel
MAPD-011039-TB MA-COM-MAPD-011039-TB Datasheet
807Kb / 7P
   Available on tape and reel
More results

Similar Description - MAPD-011032

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
logo
M/A-COM Technology Solu...
MACP-011029 MA-COM-MACP-011029 Datasheet
831Kb / 6P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
logo
Shanghai Leiditech Elec...
SMD3225-470NF LEIDITECH-SMD3225-470NF Datasheet
1Mb / 4P
   RoHS compliant and Lead-free
logo
Maxim Integrated Produc...
MAX9694EVKIT MAXIM-MAX9694EVKIT Datasheet
486Kb / 12P
   Lead-Free and RoHS Compliant
Rev 0; 10/08
logo
Shanghai Leiditech Elec...
3R090-6L LEIDITECH-3R090-6L Datasheet
545Kb / 4P
   RoHS compliant and Lead-free
logo
M/A-COM Technology Solu...
MAVR-0454XX MA-COM-MAVR-0454XX Datasheet
537Kb / 4P
   Lead free and RoHS Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com