Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPD-011040 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPD-011040
Description  Excellent temperature stability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPD-011040 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPD-011040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPD-011040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPD-011040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPD-011040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPD-011040 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPD-011040 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAPD-011040 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2 Way 0° Power Divider
5 - 1225 MHz
Rev. V2
MAPD-011040
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0011518
1
Functional Schematic
Ordering Information
Pin Configuration
Part Number
Package
MAPD-011040
Tape & Reel
MAPD-011040-TB
Customer Test Board
Features
 2 Way 0 Degree
 Surface mount
 Available on tape and reel
 260º reflow compatible
 RoHS compliant and Pb free
 Excellent temperature stability
 Suitable for all CATV, Broadband and FTTX
applications
Description
The MAPD-011040 is a 2 way 0 degree power
divider in a low cost surface mount package. Ideally
suited for high volume CATV/VSAT applications.
Pin No.
Function
1
Ground
2
External 0.5 pF Capacitor
3
Output 1
4
Output 2
5
External 0.5 pF Capacitor
6
Input


Similar Part No. - MAPD-011040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011002 MA-COM-MAPD-011002 Datasheet
717Kb / 5P
   Available on Tape and Reel
MAPD-011002-TB MA-COM-MAPD-011002-TB Datasheet
717Kb / 5P
   Available on Tape and Reel
MAPD-011002-V2-1 MA-COM-MAPD-011002-V2-1 Datasheet
790Kb / 4P
   2 Way 0? Power Divider
MAPD-011002 MA-COM-MAPD-011002_15 Datasheet
790Kb / 4P
   2 Way 0? Power Divider
MAPD-011003 MA-COM-MAPD-011003 Datasheet
960Kb / 4P
   3 Way 0? Power Divider
More results

Similar Description - MAPD-011040

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011085 MA-COM-MABA-011085 Datasheet
812Kb / 5P
   Excellent Temperature Stability
MACP-010718-CG09E0 MA-COM-MACP-010718-CG09E0 Datasheet
743Kb / 4P
   Excellent temperature stability
logo
Vanlong Technology Co.,...
DF-SERIES VANLONG-DF-SERIES Datasheet
38Kb / 1P
   Excellent temperature stability
logo
M/A-COM Technology Solu...
MABA-011010 MA-COM-MABA-011010 Datasheet
729Kb / 4P
   Excellent temperature stability
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80 Datasheet
450Kb / 4P
   Excellent temperature stability
MACP-011036 MA-COM-MACP-011036 Datasheet
688Kb / 5P
   Excellent Temperature Stability
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007 Datasheet
1Mb / 4P
   Excellent temperature stability
MABA-011073 MA-COM-MABA-011073 Datasheet
804Kb / 6P
   Excellent temperature stability
logo
Vectron International, ...
OX202 VECTRON-OX202 Datasheet
497Kb / 4P
   Excellent temperature stability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com