Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA20-T Datasheet(PDF) 5 Page - XP Power Limited

Part # CA20-T
Description  PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CA20-T Datasheet(HTML) 5 Page - XP Power Limited

  CA20-T Datasheet HTML 1Page - XP Power Limited CA20-T Datasheet HTML 2Page - XP Power Limited CA20-T Datasheet HTML 3Page - XP Power Limited CA20-T Datasheet HTML 4Page - XP Power Limited CA20-T Datasheet HTML 5Page - XP Power Limited CA20-T Datasheet HTML 6Page - XP Power Limited CA20-T Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4745K01
PAGE 5
WWW.XPPOWER.COM
OPTION
ORDER CODE
POLARITY DESIGNATOR
POSITIVE OUTPUT
p
NEGATIVE OUTPUT
N
INPUT VOLTAGE
5 VDC
5
12 VDC (STANDARD)
BLANK
HOW TO ORDER
CA - Model
10 - Output Voltage (See table)
N - Polarity Designator
EXAMPLE: CA10N-5T (CA - Model, 10 - Output Voltage, N - Negative, 5 - Input Voltage, T - Extended Operating Temperature)
PART NUMBER SELECTOR:
CA 10 N - 5 T
T - Extended Operating Temperature
5 - Input Voltage
Model Number:
OPTIONS
BLOCK DIAGRAM
* Notes:
1. Maximum rated output current is typically available from 100% max output voltage to 50% max output voltage,
and is derated below 50% max output voltage.
2. Specifications after 1 hour warm-up, full load, at 25oC unless other wise indicated.
3. Typical Performance
4. All grounds internally connected, except case. There should not be more than 50 volts potential between the case ground (pin 5)
and the circuit ground (pins 3 and 8). Isolated case assists low noise design efforts. Case pin must be connected to ground for
proper operation.
5. On negative output models, voltage monitor output is a buffered representation of the programming voltage.
6. Proper thermal management techniques are required to maintain safe case temperature at maximum power output.
7. SET POINT ACCURACY refers to the ability of the unit to accurately deliver the voltage intended by the applied programming.
The resultant output voltage will be within +/-1% of that programmed.
GAIN ADJUSTMENT refers to the ability to alter the gain of the circuit to bring the resultant output voltage to the programmed
setpoint. This is intended to allow compensation for set point accuracy error.
LINEARITY refers to how much the transfer function can deviate from a straight line in the absence of any set point error.
CA-T SERIES
XP-EMCO reserves the right to make changes on products and literature, including specifications, without notice. XP-EMCO standard product models are not recommended for “copy-exact” applications or any other application restricting product
changes. “Copy-exact” options are available. Please contact an XP-EMCO sales representative for more details.


Similar Part No. - CA20-T

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA20 XPPOWER-CA20 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Extech Instruments Corp...
CA200 EXTECH-CA200 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
CA200 EXTECH-CA200_15 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
logo
Fuji Electric
CA201 FUJI-CA201 Datasheet
8Kb / 1P
   FAST RECOVERY DIODE
logo
American Accurate Compo...
CA2018N1809 AAC-CA2018N1809 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
More results

Similar Description - CA20-T

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA02 XPPOWER-CA02 Datasheet
1Mb / 7P
   PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
SIP90-0.1W XPPOWER-SIP90-0.1W Datasheet
646Kb / 4P
   REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
C01 XPPOWER-C01 Datasheet
981Kb / 12P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
Texas Instruments
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200_15 Datasheet
609Kb / 24P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
   Fully regulated DC-DC Converters
July 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com