Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMA21248S12 Datasheet(PDF) 5 Page - XP Power Limited

Part # DMA21248S12
Description  Open Frame Telecom DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DMA21248S12 Datasheet(HTML) 5 Page - XP Power Limited

  DMA21248S12 Datasheet HTML 1Page - XP Power Limited DMA21248S12 Datasheet HTML 2Page - XP Power Limited DMA21248S12 Datasheet HTML 3Page - XP Power Limited DMA21248S12 Datasheet HTML 4Page - XP Power Limited DMA21248S12 Datasheet HTML 5Page - XP Power Limited DMA21248S12 Datasheet HTML 6Page - XP Power Limited DMA21248S12 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
xppower.com
5
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+70
şC
Derate linearly at 2.5%/şC from +50 şC
to +70 şC
Storage Temperature
-40
+80
şC
Cooling - Force-air cooled
10
CFM
See Thermal Considerations
Operating Humidity
0
95
%RH
Non-condensing. See page 5. note 1 & 3
Storage Humidity
0
95
%RH
Non-condensing. See page 5. note 2 & 3
Operating Altitude
3000
m
See page 5. note 3
Shock
3 x 30 g/11 ms shocks in both +ve & -ve directions along the 3 orthogonal axis, total 18 shocks. See page 5. note 1 & 4
Vibration
Single axis 10-500 Hz at 2 g x 10 sweeps. See page 5. note 1 & 5
Safety Agency Approvals
Safety Agency
Safety Standard
Category
CB Report
NEMKO #UK 38710, IEC60950-1:2005
Information Technology
CSA
CSA Certificate #1964073 CSA22.2 No. 60950-1-03 / UL60950-1
Information Technology
TUV
TUV Certificate # B 07 11 45240 008 EN60950-1:2006
Information Technology
CE
LVD
Xxxxxxxxxx
Electromagnetic Compatibility - Emissions
Electromagnetic Compatibility - Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
EFT
EN61000-4-4
1
A
Surges
EN61000-4-5
1
A
Conducted
EN61000-4-6
2
A
Narrow & Wide Band Noise
ETSI EN 300 132-2:2003
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55022
Class A
(6)
See Fig. 7
Radiated
EN55022
Class A
(6)
Figure 7: DMA212 at full load with 48 VDC input
Typical EMC Plot
Notes
1. Compliant with ETS 300 019-1-3 May 1992 + ammendment 1 June 1997 class 3.1.
2. Compliant with ETS 300 019-1-1 Feb 1992 class 1.1, ETS 300 019-1-2 Feb 1992 class 2.2.
3. Compliant with NEBS GR-63-Core issue 3.
4. Compliant with EN60068-2-27.
5. Compliant with EN60068-2-6.
6. Compliant with EN61204-3, ETSI EN 300 132-2 2003, ETSI 300 386-1 1994,
NEBS GR-1089-CORE issue 4


Similar Part No. - DMA21248S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DMA21248S12 XPPOWER-DMA21248S12 Datasheet
83Kb / 2P
   DC-DC Converter
More results

Similar Description - DMA21248S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DCM XPPOWER-DCM Datasheet
600Kb / 2P
   Open Frame Telecom DCDC Converter
logo
Astrodyne Corporation
ASD150QV ASTRODYNE-ASD150QV Datasheet
310Kb / 4P
   150W, Open Frame Quarter Brick DC/DC Converter
logo
AIMTEC
AMEO75 AIMTEC-AMEO75 Datasheet
312Kb / 2P
   75 Watt (Open Frame) AC/DC Converter
AMEO125 AIMTEC-AMEO125 Datasheet
280Kb / 2P
   125 Watt (Open Frame) AC/DC Converter
AMEO150 AIMTEC-AMEO150 Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD15H ASTRODYNE-ASD15H_16 Datasheet
300Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD07H-12S3 ETC1-ASD07H-12S3 Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com