Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E06 Datasheet(PDF) 1 Page - XP Power Limited

Part # E06
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

E06 Datasheet(HTML) 1 Page - XP Power Limited

  E06 Datasheet HTML 1Page - XP Power Limited E06 Datasheet HTML 2Page - XP Power Limited E06 Datasheet HTML 3Page - XP Power Limited E06 Datasheet HTML 4Page - XP Power Limited E06 Datasheet HTML 5Page - XP Power Limited E06 Datasheet HTML 6Page - XP Power Limited E06 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
0
20
40
60
80
100
120
140
t
0102030405060708090
100
Input Voltage (%)
Output Voltage vs. Input Voltage
Full-load
No-load
4719BH03
PAGE 1
WWW.XPPOWER.COM
MODEL
OUTPUT
VOLTAGE*2
OUTPUT
CURRENT*1
E02
200V
15mA
E02-5
250V
12mA
E03
300V
10mA
E05
500DV
6.0mA
E06
600V
5.0mA
E07-5
750V
4.0mA
E08
800V
3.7mA
E10
1kV
3.0mA
E12
1.2kV
2.5mA
E15
1.5kV
2.0mA
E20
2kV
1.5mA
E30
3kV
1.0mA
E40
4kV
0.75mA
E50
5kV
0.60mA
E60
6kV
0.50mA
E70*7
7kV
0.43mA
E80*7
8kV
0.25mA
200V to 7kV at 3W / 8kV at 2W
PRODUCT DESCRIPTION
Proven
Reliability
E SERIES
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
APPLICATIONS
OPTIONS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Low Ripple, Low EMI / RFI
• Proven Reliability
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >2 Million Hours per Bellcore TR-332
• UL Certified Encapsulant, Meets 94V-0 Flammability
• Mounting Holes
• RoHS Compliant
• Electrophoresis
• Capacitor Charging
• Field Generation
• Piezo Devices
• Mass Spectrometry
• Electrostatic Chuck
• Igniter / Spark Module
• Sustaining Ion Pumps
• Dual output (Center Tap) Models Available (CT Suffix)
• External EMI/RFI Shield (AB Suffix)
The E Series is a broad line of small, versatile, component level
building blocks in a PCB mount package that provide up to 7kV at
3 Watts continuous output power, (8kV at 2 Watts). This series fea-
tures low ripple, noise, and EMI/RFI by utilizing a quasi-sinewave
oscillator, excellent filtering techniques and a fully enclosed pot
core transformer. The output voltage is directly proportional to the
input voltage, and is linear from approximately 0.7 volts to maxi-
mum input. The isolated output allows for user selectable output
polarity. Options include external aluminum box, a dual output
option with center-tap pin which, when grounded, provides both
positive and negative outputs from one low cost module.


Similar Part No. - E06

ManufacturerPart #DatasheetDescription
logo
Powerbox
E06 POWERBOX-E06 Datasheet
306Kb / 1P
   1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
E06CT POWERBOX-E06CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - E06

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com