Electronic Components Datasheet Search |
|
ECM40 Datasheet(PDF) 3 Page - XP Power Limited |
|
ECM40 Datasheet(HTML) 3 Page - XP Power Limited |
3 / 21 page xppower.com 3 Environmental Characteristic Minimum Typical Maximum Units Notes & Conditions Operating Temperature -0 +70 ºC See derating curves Storage Temperature -40 +85 ºC Cooling 0 CFM Convection-cooled Operating Humidity 95 % RH Non- condensing Operating Altitude 3000 m Shock 30 Gpk Half sine 6 axis Vibration 2G 5-500 Hz 3 axis Electromagnetic Compatibility & Immunity Standard Test Level Criteria Notes & Conditions Emissions EN55022 Class B Conducted EN55022 Class A Radiated EN60601-1-2 Class B Conducted Harmonic Currents EN61000-3-2 Voltage Flicker EN61000-3-3 ESD Immunity EN61000-4-2 level 2, performance criteria A Radiated Immunity EN61000-4-3 10 V/m, performance criteria A EFT/Burst EN61000-4-4 level 2, performance criteria A Surge EN61000-4-5 level 3, performance criteria A Conducted Immunity EN61000-4-6 10 Vrms, performance criteria A Dips & Interruptions EN61000-4-11 70% UT : performance criteria A For 10 ms, 100% load 40% UT : performance criteria B For 100 ms, 100% load 0% UT : performance criteria B For 5000 ms, 100% load Dips & Interruptions EN61000-4-11 (Medical) 70% Ut, performance criteria A For 500 ms, Medical, 100% load 40% Ut, performance criteria A For 100 ms, Medical, 60% load 0% Ut, performance criteria A For 10 ms, Medical, 100% load 0% Ut, performance criteria B For 5000 ms, Medical, 100% load Safety Approvals Safety Agency Safety Standard Category CB Report Certificate # US/12606 & 12607/UL IEC60950-1:2005 Ed 2 Information Technology UL UL File #E139109-A62-UL UL60950-1 (2007), CSA 22.2 No.60950-1-07 Ed 2 Information Technology TUV TUV Certificate # B08 07 57396 052 & B09 03 57396 058, EN60950-1:2004 Information Technology CE LVD Safety Agency Safety Standard Category CB Report Certificate #US/18293 & 18269/UL, IEC60601-1 Ed 3 Including Risk Management Medical UL UL File # E146893, ANSI/AAMI ES 60601-1:2005 & CSA C22.2 No. 60601-1:08 Medical TUV TUV Certificate # B12 01 57396 125, EN60601-1:2006 Medical Equipment Protection Class Safety Standard Notes & Conditions Class I & Class II IEC60950-1:2005 Ed 2 & IEC60601-1 Ed 3 See safety agency conditions of acceptability for details Means of Protection Category Primary to Secondary 1 x MOPP (Means of Patient Protection) Contact Sales for 2 x MOPP IEC60601-1 Ed 3 Primary to Earth 1 x MOPP (Means of Patient Protection) |
Similar Part No. - ECM40 |
|
Similar Description - ECM40 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |