Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECM40US07 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECM40US07
Description  Full Load Available Convection Cooled
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40US07 Datasheet(HTML) 2 Page - XP Power Limited

  ECM40US07 Datasheet HTML 1Page - XP Power Limited ECM40US07 Datasheet HTML 2Page - XP Power Limited ECM40US07 Datasheet HTML 3Page - XP Power Limited ECM40US07 Datasheet HTML 4Page - XP Power Limited ECM40US07 Datasheet HTML 5Page - XP Power Limited ECM40US07 Datasheet HTML 6Page - XP Power Limited ECM40US07 Datasheet HTML 7Page - XP Power Limited ECM40US07 Datasheet HTML 8Page - XP Power Limited ECM40US07 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
xppower.com
2
General Specifications
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
90
264
VAC
120-370 VDC
Input Frequency
47
50/60
63
Hz
400 Hz operation available
Input Current - No load
41
mA
230 VAC
Input Current - Full load
1.38
A
90 VAC
Inrush Current
40
A
Cold start at 230 VAC
Power Factor
0.62
230 VAC
Earth Leakage Current
290
µA
264 VAC
Input Protection
T3.15 A/ 250 V internal fuse in line & neutral
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
70
%
(at 230 VAC
full load)
3.3 & 5 V single output versions
80
All other single output versions
75
Dual output versions
Isolation Voltage
4000
VAC
Input to output
1500
Input to ground
500
Output to ground
Switching Frequency
70
kHz
Fixed
Power Density
6.25
W/In3
For 60 W version
Weight
0.33 (150)
lbs (g)
MTBF
600
kHrs
Mil HDBK 217F
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5.0
48.0
VDC
See modules table
Initial Set Accuracy
V1: ±1, V2 & V3: ±5
%
Output Voltage Trim
±10
%V1 (V2 will track V1 by the same %)
Minimum load
V1: 0.5, V2: 0.1
A
Not required on single output models
Start Up Delay
1.5
s
90 VAC
Start Up Rise Time
10
ms
Hold Up Time
16
75
ms
115-230 VAC input
Drift
±0.2
%
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1.0
%
Single output
V1: ±3, V2 & V3: ±5
%
Dual output
Transient Response
4%
Output voltage recovers to within 1% in less
than 500 µs for 50% load change.
Ripple & Noise
1
%pk-pk
20 MHz bandwidth
Overvoltage Protection
115
135
VDC
Recycle input to reset
Overload Protection
110
170
% Imax
Auto-recovery
Short Circuit Protection
Trip & restart (hiccup mode)
Temperature Coefficient
0.05
%/ºC
All specifications are at nominal input, full resistance load at 25°C unless otherwise stated.


Similar Part No. - ECM40US07

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECM40US07 XPPOWER-ECM40US07 Datasheet
175Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - ECM40US07

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
   110 W convection cooled, No minimum load required
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
   100W Convection Cooled Rating
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com