Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS25 Datasheet(PDF) 6 Page - XP Power Limited

Part # ECS25
Description  IT & Medical Safety Approvals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS25 Datasheet(HTML) 6 Page - XP Power Limited

Back Button ECS25 Datasheet HTML 2Page - XP Power Limited ECS25 Datasheet HTML 3Page - XP Power Limited ECS25 Datasheet HTML 4Page - XP Power Limited ECS25 Datasheet HTML 5Page - XP Power Limited ECS25 Datasheet HTML 6Page - XP Power Limited ECS25 Datasheet HTML 7Page - XP Power Limited ECS25 Datasheet HTML 8Page - XP Power Limited ECS25 Datasheet HTML 9Page - XP Power Limited ECS25 Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
xppower.com
Xxxxxxxxxx
6
General Specifications
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
87
%
Full load (see fig.8 & 9)
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
1500
VAC
500
VDC
Switching Frequency
65
kHz
Power Density
7.9
W/in3
Mean Time Between Failure
1072
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
660
MIL-HDBK-217F, Notice 2 +50 °C GB
Weight
0.22 (100)
lb (g)
Efficiency Versus Load
76%
78%
80%
82%
84%
86%
88%
0%
20%40%
60%80%
100%
%of Output Load
74%
76%
78%
80%
82%
84%
86%
88%
90%
0%
20%40%
60%
80%
100%
Output Load
Figure 8
ECS45US12 at 230 VAC
Figure 9
ECS45US48 at 230 VAC


Similar Part No. - ECS25

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
ECS2516ADCN-A ELPIDA-ECS2516ADCN-A Datasheet
711Kb / 48P
   256M bits SDRAM Bare Chip
ECS2516AFCN-A ELPIDA-ECS2516AFCN-A Datasheet
718Kb / 48P
   256M bits SDRAM Bare Chip
ECS2516AFCN-A-Y3 ELPIDA-ECS2516AFCN-A-Y3 Datasheet
718Kb / 48P
   256M bits SDRAM Bare Chip
ECS2532AACN-A ELPIDA-ECS2532AACN-A Datasheet
621Kb / 46P
   256M bits SDRAM Bare Chip
ECS2532CACN-A ELPIDA-ECS2532CACN-A Datasheet
621Kb / 46P
   256M bits SDRAM Bare Chip
More results

Similar Description - ECS25

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS45US24 XPPOWER-ECS45US24 Datasheet
405Kb / 4P
   IT & Medical Safety Approvals
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
   Medical safety approvals
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
   Medical safety approvals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com