Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCL Datasheet(PDF) 6 Page - XP Power Limited

Part # LCL
Description  SIngle Output Industrial Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL Datasheet(HTML) 6 Page - XP Power Limited

Back Button LCL Datasheet HTML 2Page - XP Power Limited LCL Datasheet HTML 3Page - XP Power Limited LCL Datasheet HTML 4Page - XP Power Limited LCL Datasheet HTML 5Page - XP Power Limited LCL Datasheet HTML 6Page - XP Power Limited LCL Datasheet HTML 7Page - XP Power Limited LCL Datasheet HTML 8Page - XP Power Limited LCL Datasheet HTML 9Page - XP Power Limited LCL Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-10
70
˚C
LCL150 & LCL300: Derates linearly from 100%
load at 50 ˚C to 50% load at 70 ˚C
(see fig 10). At -10 ˚C, 90 VAC, start up time
increases to 4 s (LCL150)
LCL500: Derates linearly from 100% load at
55 ˚C to 50% load at 70 ˚C (see fig. 11). At
-10 ˚C, 90 VAC, start up time increases to 5 s.
Storage Temperature
-40
85
˚C
Cooling
LCL150 convection cooled, LCL300 & LCL500
have internal fans.
Humidity
5
95
%RH
Non-condensing
Operating Altitude
3000
m
Vibration
2
g
10-500 Hz, 10 mins per cycle on 3 axes
xppower.com
6
Signals & Controls
Figure 8 - Remote Sense Connection Diagram
Environmental
Characteristics
Notes and Conditions
Remote Sense
Compensates for 0.25 V max each line. Fitted to LCL500 only.
Remote On/Off
Fitted on LCL500. On = logic low or open circuit, OFF = logic high
Power Supply
J2 Pin 4 Sense (+)
+Vout
-Vout
J2 Pin 3 Sense (-)
R lead
Load
R lead
Power Supply
J2 Pin 2 Remote Control (+)
J2 Pin 1 Remote Control (-)
Outputs On
Outputs Off
Figure 9 - Remote On/Off
1. Applying <0.8 V on Pin 2 with respect to Pin 1 or open circuit, output turns ON.
2. Applying >4.5 V on Pin 2 with respect to Pin 1, output turns OFF


Similar Part No. - LCL

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL0402-L RFHIC-LCL0402-L Datasheet
188Kb / 3P
   MCM LNA
LCL0402-L RFHIC-LCL0402-L Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL0402-L RFHIC-LCL0402-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL0902-L RFHIC-LCL0902-L Datasheet
188Kb / 3P
   MCM LNA
LCL0902-L RFHIC-LCL0902-L Datasheet
177Kb / 4P
   Multichip Hybrid Module
More results

Similar Description - LCL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com