Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPU1K5PS48 Datasheet(PDF) 3 Page - XP Power Limited

Part # HPU1K5PS48
Description  Output Power up to 1500 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HPU1K5PS48 Datasheet(HTML) 3 Page - XP Power Limited

  HPU1K5PS48 Datasheet HTML 1Page - XP Power Limited HPU1K5PS48 Datasheet HTML 2Page - XP Power Limited HPU1K5PS48 Datasheet HTML 3Page - XP Power Limited HPU1K5PS48 Datasheet HTML 4Page - XP Power Limited HPU1K5PS48 Datasheet HTML 5Page - XP Power Limited HPU1K5PS48 Datasheet HTML 6Page - XP Power Limited HPU1K5PS48 Datasheet HTML 7Page - XP Power Limited HPU1K5PS48 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Overshoot
xppower.com
3
Figure 2 - V1 Start up examples from AC turn on
(650ms)
Figure 3 - V1 Typical overshoot at start up.
Figure 4 - V1 HPU1K5PS24 (Full load) 160mV pk-pk
ripple and noise 20 MHz bandwidth
Start Up Delay From AC Turn On
Output Overload Characteristic
Figure 5
Typical V1 Overload
Characteristic
(HPU1K5PS12 shown)
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
160
180
200
Output Current (%)
90
Output Ripple and Noise


Similar Part No. - HPU1K5PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HPU1K5PS48 XPPOWER-HPU1K5PS48 Datasheet
527Kb / 4P
   1500 Watts HPU1K5 Series
HPU1K5PS48 XPPOWER-HPU1K5PS48 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
More results

Similar Description - HPU1K5PS48

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
   Up to 1500 W continuous output power
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
AIF ARTESYN-AIF Datasheet
549Kb / 3P
   Up to 1600 W output power
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
logo
CUI INC
VHB350-D48-S24 CUI-VHB350-D48-S24 Datasheet
216Kb / 4P
   up to 350 W isolated output
PBK-3 CUI-PBK-3 Datasheet
746Kb / 9P
   up to 3 W continuous output
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
CUI INC
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
   AC-DC POWER SUPPLY up to 25 W continuous output
logo
List of Unclassifed Man...
MDL200 ETC2-MDL200 Datasheet
4Mb / 6P
   Power range up to 2400 W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com