Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS60US24 Datasheet(PDF) 10 Page - XP Power Limited

Part # ECS60US24
Description  IT & Medical Safety Approvals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS60US24 Datasheet(HTML) 10 Page - XP Power Limited

Back Button ECS60US24 Datasheet HTML 3Page - XP Power Limited ECS60US24 Datasheet HTML 4Page - XP Power Limited ECS60US24 Datasheet HTML 5Page - XP Power Limited ECS60US24 Datasheet HTML 6Page - XP Power Limited ECS60US24 Datasheet HTML 7Page - XP Power Limited ECS60US24 Datasheet HTML 8Page - XP Power Limited ECS60US24 Datasheet HTML 9Page - XP Power Limited ECS60US24 Datasheet HTML 10Page - XP Power Limited ECS60US24 Datasheet HTML 11Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
xppower.com
Mechanical Details - ECS60
10
J1 mates with Molex Housing PN 09-50-1031
J2 mates with Molex Housing PN 09-50-1041
and both with Molex Series 5194 Crimp Terminals
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
1.05 (26.7)
0.14 (3.5)
Components may
extend beyond
edge of PCB
by 0.04 (1.0)
J2
1
4
1.62
(41.1)
1.30
(33.0)
0.20 (5.1)
C5
C18
T1
Q1
0.28 (7.1)
A
A
4 x ø0.156 (3.96) mounting holes
ø3.12 (7.92) clearance top and bottom
3.00 (76.2)
1.75
(44.4)
0.12
(3.18)
2.00
(50.8)
2.75 (69.8)
0.12
(3.1)
Mounting points A should be connected together for optimum EMI performance
0.25 faston ground tab
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight: 0.22 lbs (100 g)


Similar Part No. - ECS60US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS60US24 XPPOWER-ECS60US24 Datasheet
405Kb / 4P
   2560 Watts ECS Series
ECS60US24 XPPOWER-ECS60US24 Datasheet
1,016Kb / 4P
   25-60 Watts ECS Series
More results

Similar Description - ECS60US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS45US24 XPPOWER-ECS45US24 Datasheet
405Kb / 4P
   IT & Medical Safety Approvals
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
2Mb / 18P
   Medical Safety Approvals
logo
Emerson Network Power
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
   Medical safety approvals
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
   Medical safety approvals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com