Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHP650PS12 Datasheet(PDF) 11 Page - XP Power Limited

Part # MHP650PS12
Description  Medical Safety Approvals
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

MHP650PS12 Datasheet(HTML) 11 Page - XP Power Limited

Back Button MHP650PS12 Datasheet HTML 7Page - XP Power Limited MHP650PS12 Datasheet HTML 8Page - XP Power Limited MHP650PS12 Datasheet HTML 9Page - XP Power Limited MHP650PS12 Datasheet HTML 10Page - XP Power Limited MHP650PS12 Datasheet HTML 11Page - XP Power Limited MHP650PS12 Datasheet HTML 12Page - XP Power Limited MHP650PS12 Datasheet HTML 13Page - XP Power Limited MHP650PS12 Datasheet HTML 14Page - XP Power Limited MHP650PS12 Datasheet HTML 15Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MHP1000 Series
1200 W High Line Output Power
Rugged Industrial Construction
Variable Speed Fan for Noise Reduction
-40 °C to +70 °C Operation
5 V Standby
AC OK, Remote On/Off and Active Current Share
Screw Terminals
3 Year Warranty
The MHP1000 AC-DC power supply provides upto 1200 W of output power in a compact rugged mechanical package, suitable for a
range of medical applications.
The unit comprises of a main output with voltages from 12-48 VDC and a 5 VDC standby supply which can be utilitsed with the
signals and control features of the unit to provide detection of loss of AC input and remote on/off control.
Multiple units can be used in parallel via the current share facility, providing higher power solutions. Inherently low earth leakage
current, and conducted EMC compliance to Class B also simplify higher power system design.
Packaged in a compact 9.5” (241 mm) x 5.9” (150 mm) x 2.4” (61 mm) and carrying IEC60601 family safety approvals, the MHP1000
has a load dependant variable speed fan is fully protected with overtemperature shutdown and provides -40 ºC start up with full
power from -20 ºC to 50 ºC and 50% power at +70 ºC.


Similar Part No. - MHP650PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MHP650PS12-EF XPPOWER-MHP650PS12-EF Datasheet
632Kb / 4P
   650-1200 Watts MHP Series
More results

Similar Description - MHP650PS12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS42-M EMERSON-NETWORKPOWER-LPS42-M Datasheet
309Kb / 3P
   Medical safety approvals
LPS60-M EMERSON-NETWORKPOWER-LPS60-M Datasheet
121Kb / 3P
   Medical safety approvals
DPT50-M EMERSON-NETWORKPOWER-DPT50-M Datasheet
660Kb / 2P
   Medical safety approvals
LPS170-M EMERSON-NETWORKPOWER-LPS170-M Datasheet
932Kb / 3P
   Medical safety approvals
LPS50-M EMERSON-NETWORKPOWER-LPS50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT50-M EMERSON-NETWORKPOWER-LPT50-M Datasheet
515Kb / 3P
   Medical Safety Approvals
LPT60-M EMERSON-NETWORKPOWER-LPT60-M Datasheet
417Kb / 3P
   Medical safety approvals
DPS50-M EMERSON-NETWORKPOWER-DPS50-M Datasheet
464Kb / 2P
   Medical safety approvals
LPS40-M EMERSON-NETWORKPOWER-LPS40-M Datasheet
124Kb / 3P
   Medical safety approvals
logo
XP Power Limited
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com