Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAUC-010515-000000 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAUC-010515-000000
Description  11 dB Conversion Gain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAUC-010515-000000 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MAUC-010515-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAUC-010515-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Up Converter
40.5 - 43.5 GHz
Rev. V5
MAUC-010515
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAUC-010515-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAUC-010515-000000 MA-COM-MAUC-010515-000000 Datasheet
1Mb / 8P
   Lead-Free 6 mm Laminate Package
More results

Similar Description - MAUC-010515-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
   High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
logo
RF Micro Devices
RF2413 RFMD-RF2413 Datasheet
185Kb / 10P
   GAIN CONTROLLED DUAL-CONVERSION QUADRATURE MODULATOR
logo
Mini-Circuits
ADE-12H MINI-ADE-12H Datasheet
299Kb / 2P
   low conversion loss, 6.7 dB typ
logo
Pasternack Enterprises,...
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
logo
Texas Instruments
TRF37A75 TI1-TRF37A75 Datasheet
1Mb / 20P
[Old version datasheet]   Gain Versions: 12 dB
logo
Pasternack Enterprises,...
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
   Gain 22 dB typ
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6342 AVAGO-AMGP-6342 Datasheet
147Kb / 7P
   9 dB Maximum Gain
logo
Pasternack Enterprises,...
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
   Gain 30 dB min
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
   Gain 36 dB min
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
   Gain of 40 dB typ
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com