Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPN1002-12 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MPN1002-12
Description  Low Capacitance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MPN1002-12 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MPN1002-12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MPN1002-12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MPN1002-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Broadband, Mesa Beam Lead PIN Diodes
Rev. V2
MPN1xxx-12 Series
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Part Number
Voltage
Breakdown
(VB)
Junction
Capacitance
(CJ)
Series Resistance
(RS)
Lifetime
(TL)
Switching Time
(TS)
10 µA
-10 V, 1 MHz
10 mA, 1 GHz
50 mA, 1 GHz
IF = 10 mA,
IR = 6 mA
20% - 80%
V
pF
ns
ns
Ω
(Min.)
(Max.)
(Max.)
(Max.)
(Typ.)
(Max.)
MPN1000-12
100
0.020
6.5
4.0
80
5
MPN1001-12
100
0.027
6.0
3.5
80
5
MPN1002-12
100
0.030
5.5
3.2
80
5
MPN1003-12
100
0.035
5.0
2.9
80
5
MPN1004-12
100
0.040
5.0
2.7
80
5
MPN1005-12
100
0.048
5.0
2.5
80
5
MPN1006-12
100
0.055
4.0
2.3
80
5
MPN1007-12
100
0.065
4.0
2.1
80
5
MPN1100-12
50
0.025
6.0
3.7
50
3
MPN1101-12
50
0.030
5.0
3.5
50
3
MPN1102-12
50
0.040
4.5
2.9
50
3
MPN1103-12
50
0.060
4.0
2.5
50
3
Electrical Specifications: TA = +25°C
Beam Lead Chip
Features
 Fast Switching Speed
 Low Capacitance
 Low Resistance
 Rugged Construction
 RoHS* Compliant
Description
The MPN1xxx-12 Series beam lead PIN diodes
features a unique glass and beam construction
which allows for mechanical strength and stability
during assembly. They are designed for low
resistance, low capacitance and fast switching time.
The mesa beam lead PINs are suitable for microstrip
or stripline circuits and for circuits requiring high
isolation from series mounted diodes as in
broadband multi-throw switches, phase shifters,
attenuators, limiters and modulators.


Similar Part No. - MPN1002-12

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
ON Semiconductor
MPN3404 ONSEMI-MPN3404 Datasheet
32Kb / 4P
   SILICON PIN SWITCHING DIODE
November, 2001 ??Rev. 2
MPN3700 ONSEMI-MPN3700 Datasheet
53Kb / 8P
   High Voltage Silicon Pin Diodes
November, 2001 ??Rev. 2
MPN3700 ONSEMI-MPN3700 Datasheet
59Kb / 4P
   High Voltage Silicon Pin Diodes
January, 2006 ??Rev. 3
MPN3700G ONSEMI-MPN3700G Datasheet
59Kb / 4P
   High Voltage Silicon Pin Diodes
January, 2006 ??Rev. 3
More results

Similar Description - MPN1002-12

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSLCXX01CW YEASHIN-YSLCXX01CW Datasheet
741Kb / 3P
   LOW CAPACITANCE
logo
Shanghai Semitech Semic...
SLVU2.8-4 SEMITECH-SLVU2.8-4 Datasheet
256Kb / 6P
   Low capacitance
logo
Yea Shin Technology Co....
YSLC3304CP8 YEASHIN-YSLC3304CP8 Datasheet
900Kb / 3P
   LOW CAPACITANCE
logo
Analog Devices
ADG1206 AD-ADG1206_15 Datasheet
434Kb / 20P
   Low Capacitance
REV. A
logo
STMicroelectronics
SCT30N120 STMICROELECTRONICS-SCT30N120 Datasheet
800Kb / 13P
   Low capacitance
June 2016 Rev 10
logo
Shanghai Semitech Semic...
MSQA6V1W5 SEMITECH-MSQA6V1W5 Datasheet
131Kb / 3P
   Low Capacitance
logo
Semtech Corporation
RCLAMP0501T SEMTECH-RCLAMP0501T Datasheet
113Kb / 6P
   Low Capacitance
logo
Shanghai Semitech Semic...
SLVU2.8-8 SEMITECH-SLVU2.8-8 Datasheet
372Kb / 7P
   Low capacitance
SLVU2.8 SEMITECH-SLVU2.8 Datasheet
321Kb / 7P
   Low Capacitance
NZQA6V8AXV5 SEMITECH-NZQA6V8AXV5 Datasheet
112Kb / 3P
   Low Capacitance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com