Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L020T-90B Datasheet(PDF) 4 Page - Winbond

Part # W39L020T-90B
Description  128K X 8 CMOS FLASH MEMORY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L020T-90B Datasheet(HTML) 4 Page - Winbond

  W39L020T-90B Datasheet HTML 1Page - Winbond W39L020T-90B Datasheet HTML 2Page - Winbond W39L020T-90B Datasheet HTML 3Page - Winbond W39L020T-90B Datasheet HTML 4Page - Winbond W39L020T-90B Datasheet HTML 5Page - Winbond W39L020T-90B Datasheet HTML 6Page - Winbond W39L020T-90B Datasheet HTML 7Page - Winbond W39L020T-90B Datasheet HTML 8Page - Winbond W39L020T-90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
W29EE012
- 4 -
Hardware Data Protection
The integrity of the data stored in the W29EE012 is also hardware protected in the following ways:
(1) Noise/Glitch Protection: A #WE pulse of less than 15 nS in duration will not initiate a write cycle.
(2) VDD Power Up/Down Detection: The programming and operation are inhibited when VDD is less
than 3.8V.
(3) Write Inhibit Mode: Forcing #OE low, #CE high, or #WE high will inhibit the write operation. This
prevents inadvertent writes during power-up or power-down periods.
Data Polling (DQ7)-Write Status Detection
The W29EE012 includes a data polling feature to indicate the end of a programming cycle. When the
W29EE012 is in the internal programming cycle, any attempt to read DQ7 of the last byte loaded during
the page/byte-load cycle will receive the complement of the true data. Once the programming cycle is
completed. DQ7 will show the true data.
Toggle Bit (DQ6)-Write Status Detection
In addition to data polling, the W29EE012 provides another method for determining the end of a
program cycle. During the internal programming cycle, any consecutive attempts to read DQ6 will
produce alternating 0's and 1's. When the programming cycle is completed, this toggling between 0's
and 1's will stop. The device is then ready for the next operation.
5-Volt-Only Software Chip Erase
The chip-erase mode can be initiated by a six-byte command sequence. After the command loading
cycles, the device enters the internal chip erase mode, which is automatically timed and will be
completed in 50 mS. The host system is not required to provide any control or timing during this
operation.
Product Identification
The product ID operation outputs the manufacturer code and device code. Programming equipment
automatically matches the device with its proper erase and programming algorithms.
The manufacturer and device codes can be accessed by software or hardware operation. In the
software access mode, a six-byte command sequence can be used to access the product ID. A read
from address 0000H outputs the manufacturer code (DAh). A read from address 0001H outputs the
device code (C1h). The product ID operation can be terminated by a three-byte command sequence.
In the hardware access mode, access to the product ID is activated by forcing #CE and #OE low,
#WE high, and raising A9 to 12 volts.
Note: The hardware SID read function is not included in all parts; please refer to Ordering Information for details.


Similar Part No. - W39L020T-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020T-90B WINBOND-W39L020T-90B Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L020T-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com