Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L020Q-90B Datasheet(PDF) 5 Page - Winbond

Part # W39L020Q-90B
Description  128K X 8 CMOS FLASH MEMORY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L020Q-90B Datasheet(HTML) 5 Page - Winbond

  W39L020Q-90B Datasheet HTML 1Page - Winbond W39L020Q-90B Datasheet HTML 2Page - Winbond W39L020Q-90B Datasheet HTML 3Page - Winbond W39L020Q-90B Datasheet HTML 4Page - Winbond W39L020Q-90B Datasheet HTML 5Page - Winbond W39L020Q-90B Datasheet HTML 6Page - Winbond W39L020Q-90B Datasheet HTML 7Page - Winbond W39L020Q-90B Datasheet HTML 8Page - Winbond W39L020Q-90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
W29EE012
Publication Release Date: March 26, 2002
- 5 -
Revision A3
TABLE OF OPERATING MODES
Operating Mode Selection
Operating Range = 0 to 70
°C (Ambient Temperature), VDD = 5V ±10%, VSS = 0V, VHH = 12V
MODE
PINS
#CE
#OE
#WE
ADDRESS
DQ.
Read
VIL
VIL
VIH
AIN
Dout
Write
VIL
VIH
VIL
AIN
Din
Standby
VIH
X
X
X
High Z
Write Inhibit
X
VIL
X
X
High Z/DOUT
X
X
VIH
X
High Z/DOUT
Output Disable
X
VIH
X
X
High Z
5-Volt Software Chip
Erase
VIL
VIH
VIL
AIN
DIN
Product ID
VIL
VIL
VIH
A0 = VIL; A1-A16 = VIL;
A9 = VHH
Manufacturer Code DA
(Hex)
VIL
VIL
VIH
A0 = VIH; A1-A16 = VIL;
A9 = VHH
Device Code
C1 (Hex)


Similar Part No. - W39L020Q-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020Q-90B WINBOND-W39L020Q-90B Datasheet
343Kb / 26P
   256K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L020Q-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com