Electronic Components Datasheet Search |
|
X1243S8 Datasheet(PDF) 7 Page - Xicor Inc. |
|
X1243S8 Datasheet(HTML) 7 Page - Xicor Inc. |
7 / 18 page X1243 7 initiate another change to the CCR contents. If the sequence is not completed for any reason (by send- ing an incorrect number of bits or sending a start instead of a stop, for example) the RWEL bit is not reset and the device remains in an active mode. —Writing all zeros to the status register resets both the WEL and RWEL bits. —A read operation occurring between any of the pre- vious operations will not interrupt the register write operation. —The RWEL and WEL bits can be reset by writing a 0 to the Status Register. SERIAL COMMUNICATION Interface Conventions The device supports a bidirectional bus oriented proto- col. The protocol defines any device that sends data onto the bus as a transmitter, and the receiving device as the receiver. The device controlling the transfer is called the master and the device being controlled is called the slave. The master always initiates data transfers, and provides the clock for both transmit and receive operations. Therefore, the devices in this fam- ily operate as slaves in all applications. Figure 3. Valid Data Changes on the SDA Bus SCL SDA Data Stable Data Change Data Stable Clock and Data Data states on the SDA line can change only during SCL LOW. SDA state changes during SCL HIGH are reserved for indicating start and stop conditions. See Figure 3. Start Condition All commands are preceded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. The device continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition has been met. See Figure 4. Stop Condition All communications must be terminated by a stop con- dition, which is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used to place the device into the Standby power mode after a read sequence. A stop condition can only be issued after the transmitting device has released the bus Refer to Figure 4. Figure 4. Valid Start and Stop Conditions SCL SDA Start Stop |
Similar Part No. - X1243S8 |
|
Similar Description - X1243S8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |