Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84256V14 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X84256V14
Description  UPort Saver EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84256V14 Datasheet(HTML) 5 Page - Xicor Inc.

  X84256V14 Datasheet HTML 1Page - Xicor Inc. X84256V14 Datasheet HTML 2Page - Xicor Inc. X84256V14 Datasheet HTML 3Page - Xicor Inc. X84256V14 Datasheet HTML 4Page - Xicor Inc. X84256V14 Datasheet HTML 5Page - Xicor Inc. X84256V14 Datasheet HTML 6Page - Xicor Inc. X84256V14 Datasheet HTML 7Page - Xicor Inc. X84256V14 Datasheet HTML 8Page - Xicor Inc. X84256V14 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X84256
Preliminary
5
—Write ‘1’—when reading data
—Read/Read/Write ‘1’—after data is written to device,
but before entering the NV write sequence.
—the device powers-up;
—a nonvolatile write operation completes.
While a sequential read is in progress, the device remains
in an active state. This state draws more current than the
idle state, but not as much as during a read itself. To go
back to the lowest power condition, an invalid condition is
created by writing a ‘1’ after the last bit of a read operation.
Write Protection
The following circuitry has been included to prevent
inadvertent nonvolatile writes:
—A special “start nonvolatile write” command sequence
is required to start a nonvolatile write cycle.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ...................... –65°C to +135°C
Storage Temperature ........................... –65°C to +150°C
Terminal Voltage with
Respect to VSS .......................................–1V to +7V
DC Output Current................................................... 5mA
Lead Temperature (Soldering, 10 seconds)..........300°C
RECOMMENDED OPERATING CONDITIONS
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this speci-
fication is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Temperature
Min.
Max.
Commercial
0°C
+70°C
Industrial
–40°C
+85°C
Military†
–55°C
+125°C
Supply Voltage
Limits
X84256
5V
±10%
X84256 – 2.5
2.5V to 5.5V
X84256 – 1.8
1.8V to 3.6V
D.C. OPERATING CHARACTERISTICS (VCC = 5V ±10%)
(Over the recommended operating conditions, unless otherwise specified.)
Notes: (1) VIL Min. and VIH Max. are for reference only and are not tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC1
VCC Supply Current (Read)
1
mA
OE = VIL, WE = VIH,
I/O = Open, CE clocking @ 10MHz
ICC2
VCC Supply Current (Write)
3mA
ICC During Nonvolatile Write Cycle
All Inputs at CMOS Levels
ISB1
VCC Standby Current
1
µA
CE = VCC, Other Inputs = VCC or VSS
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
VCC – 0.8
V
IOH = –1mA


Similar Part No. - X84256V14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041P XICOR-X84041P Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041P-2.7 XICOR-X84041P-2.7 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041P-3 XICOR-X84041P-3 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
X84041PI XICOR-X84041PI Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
More results

Similar Description - X84256V14

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com