Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAMP001H6TC Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZAMP001H6TC
Description  800-2500MHz MMIC WIDEBAND AMPLIFIER LNA, 18dB Gain, Low Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZAMP001H6TC Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZAMP001H6TC Datasheet HTML 1Page - Zetex Semiconductors ZAMP001H6TC Datasheet HTML 2Page - Zetex Semiconductors ZAMP001H6TC Datasheet HTML 3Page - Zetex Semiconductors ZAMP001H6TC Datasheet HTML 4Page - Zetex Semiconductors ZAMP001H6TC Datasheet HTML 5Page - Zetex Semiconductors ZAMP001H6TC Datasheet HTML 6Page - Zetex Semiconductors ZAMP001H6TC Datasheet HTML 7Page - Zetex Semiconductors ZAMP001H6TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZAMP001
SEMICO NDUC TORS
ISSUE 2 - MARCH 2003
3
TYPICAL CHARACTERISTICS
Test Conditions (unless otherwise stated): VCC = 5V, Tamb = 25°C, Zo = 50 .


Similar Part No. - ZAMP001H6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZAMP002 ZETEX-ZAMP002 Datasheet
127Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP002H6TA ZETEX-ZAMP002H6TA Datasheet
127Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP002H6TC ZETEX-ZAMP002H6TC Datasheet
127Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003H6TA ZETEX-ZAMP003H6TA Datasheet
138Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
More results

Similar Description - ZAMP001H6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZAMP002 ZETEX-ZAMP002 Datasheet
127Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
   800-2500MHz MMIC WIDEBAND AMPLIFIER
logo
Infineon Technologies A...
BGA5M1BN6 INFINEON-BGA5M1BN6 Datasheet
330Kb / 12P
   18dB High Gain Low Noise Amplifier for LTE Midband
Revision 2.2 2018-03-15
BGA5L1BN6 INFINEON-BGA5L1BN6 Datasheet
330Kb / 12P
   18dB High Gain Low Noise Amplifier for LTE Lowband
Revision 2.0 2018-03-15
logo
Fairchild Semiconductor
RMLA3565C FAIRCHILD-RMLA3565C Datasheet
257Kb / 5P
   Wideband Low Noise MMIC Amplifier
logo
List of Unclassifed Man...
RMLA3565A-58 ETC-RMLA3565A-58 Datasheet
244Kb / 8P
   Wideband Low Noise MMIC Amplifier
RMLA3565-58 ETC-RMLA3565-58 Datasheet
349Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
Infineon Technologies A...
BGA5H1BN6 INFINEON-BGA5H1BN6 Datasheet
330Kb / 12P
   18dB High Gain Low Noise Amplifier for LTE Highband
Revision 2.2 2018-03-15
logo
NXP Semiconductors
BGA3018 PHILIPS-BGA3018_15 Datasheet
151Kb / 15P
   1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com